Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA98 Datasheet (PDF) - Cirrus Logic

PA98 Datasheet PDF - Cirrus Logic
Part # PA98
Download  PA98 Download
File Size   264.2 Kbytes
Page   5 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER

PA98 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA98 Datasheet PDF - Cirrus Logic

Part # PA98
Download  PA98 Click to download

File Size   264.2 Kbytes
Page   5 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER

PA98 Datasheet (HTML) - Cirrus Logic


PA98 Product details

DESCRIPTION
The PA98 is a high voltage, high power bandwidth MOSFET operational amplifier designed for output currents up to 200mA. Output voltages can swing up to ±215V with a dual supply and up to +440 volts with a single supply. The safe operating area (SOA) has no second breakdown limitations and can be observed with all types of loads by choosing an appropriate current limiting resistor. High accuracy is achieved with a cascode input circuit configuration. All internal biasing is referenced to a bootstrapped zener-MOSFET current source. As a result, the PA98 features an unprecedented supply range and excellent supply rejection. The MOSFET output stage is biased on for linear operation. External compensation provides user flexibility.

FEATURES
• HIGH VOLTAGE — 450V (±225V)
• HIGH SLEW RATE — 1000V/μS
• HIGH OUTPUT CURRENT — 200mA

APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• PIEZO TRANSDUCER EXCITATION
• PROGRAMMABLE POWER SUPPLIES UP TO 430V
• ELECTROSTATIC TRANSDUCERS & DEFLECTION




Similar Part No. - PA98

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA98 CIRRUS-PA98 Datasheet
556Kb / 7P
Power Operational Amplifiers
PA98 CIRRUS-PA98 Datasheet
326Kb / 7P
Power Operational Amplifiers
logo
Fuji Electric
PA985C6R FUJI-PA985C6R Datasheet
154Kb / 12P
SILICON DIODE
logo
Cirrus Logic
PA98A CIRRUS-PA98A Datasheet
556Kb / 7P
Power Operational Amplifiers
PA98 CIRRUS-PA98_09 Datasheet
326Kb / 7P
Power Operational Amplifiers
More results


Similar Description - PA98

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com