Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA98 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA98
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA98 Datasheet(HTML) 1 Page - Cirrus Logic

  PA98 Datasheet HTML 1Page - Cirrus Logic PA98 Datasheet HTML 2Page - Cirrus Logic PA98 Datasheet HTML 3Page - Cirrus Logic PA98 Datasheet HTML 4Page - Cirrus Logic PA98 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• HIGH VOLTAGE — 450V (±225V)
• HIGH SLEW RATE — 1000V/μS
• HIGH OUTPUT CURRENT — 200mA
APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• PIEZO TRANSDUCER EXCITATION
• PROGRAMMABLE POWER SUPPLIES UP TO 430V
• ELECTROSTATIC TRANSDUCERS & DEFLECTION
DESCRIPTION
The PA98 is a high voltage, high power bandwidth MOSFET
operational amplifier designed for output currents up to 200mA.
Output voltages can swing up to ±215V with a dual supply
and up to +440 volts with a single supply. The safe operating
area (SOA) has no second breakdown limitations and can
be observed with all types of loads by choosing an appropri-
ate current limiting resistor. High accuracy is achieved with
a cascode input circuit configuration. All internal biasing is
referenced to a bootstrapped zener-MOSFET current source.
As a result, the PA98 features an unprecedented supply range
and excellent supply rejection. The MOSFET output stage is
biased on for linear operation. External compensation provides
user flexibility.
This hybrid circuit utilizes thick film (cermet) resistors, ceramic
capacitors and silicon semiconductor chips to maximize reli-
ability, minimize size and give top performance. Ultrasonically
bonded aluminum wires provide reliable interconnections at
all operating temperatures. The Power SIP package is electri-
cally isolated.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATION
DYNAMIC FOCUSING
Dynamic focusing is the active correction of focusing voltage
as a beam traverses the face of a CRT. This is necessary in
high resolution flat face monitors since the distance between
cathode and screen varies as the beam moves from the center
of the screen to the edges. PA98 lends itself well to this function
since it can be connected as a summing amplifier with inputs
from the nominal focus potential and the dynamic correction.
The nominal might be derived from a potentiometer, or per-
haps automatic focusing circuitry might be used to generate
this potential. The dynamic correction is generated from the
sweep voltages by calculating the distance of the beam from
the center of the display.
EXTERNAL CONNECTIONS
PHASE COMPENSATION
Gain
C
C
R
C
1
68pF
100Ω
20
10pF
330Ω
100
3.3pF
0Ω
C
C RATED FOR FULL SUPPLY VOLTAGE
�
�
�
�
�
�
�
�
�
��
���
���
���
���
���
�������
������������
��
��
��
��
�
�
���������������������
��
�
��������������
���
�
�
�
��
�
�����
����
����
���
�
��
�����
�������
������
�������
������
��
�����
����
�
�
��
��
�
�
�
�
�
����
���
��
�
��
�
��
�
��
�
�
��
�
�
�
�
��
��
��
��
��
��
��
���
����
����
���
���
���
���
���
��
���
��
���
���
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������
������������
PATENTED
12-PIN SIP
PACKAGE STYLE DP
Formed leads available
Package styles ED & EE


Similar Part No. - PA98

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA98 CIRRUS-PA98 Datasheet
556Kb / 7P
Power Operational Amplifiers
PA98 CIRRUS-PA98 Datasheet
326Kb / 7P
Power Operational Amplifiers
logo
Fuji Electric
PA985C6R FUJI-PA985C6R Datasheet
154Kb / 12P
SILICON DIODE
logo
Cirrus Logic
PA98A CIRRUS-PA98A Datasheet
556Kb / 7P
Power Operational Amplifiers
PA98 CIRRUS-PA98_09 Datasheet
326Kb / 7P
Power Operational Amplifiers
More results

Similar Description - PA98

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com