Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89LPC925 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # 89LPC925
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89LPC925 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button 89LPC925 Datasheet HTML 39Page - NXP Semiconductors 89LPC925 Datasheet HTML 40Page - NXP Semiconductors 89LPC925 Datasheet HTML 41Page - NXP Semiconductors 89LPC925 Datasheet HTML 42Page - NXP Semiconductors 89LPC925 Datasheet HTML 43Page - NXP Semiconductors 89LPC925 Datasheet HTML 44Page - NXP Semiconductors 89LPC925 Datasheet HTML 45Page - NXP Semiconductors 89LPC925 Datasheet HTML 46Page - NXP Semiconductors 89LPC925 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
43 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
[1]
Parameters are valid over operating temperature range unless otherwise specified. Parts are tested to 2 MHz, but are guaranteed to
operate down to 0 Hz.
[2]
When using an oscillator frequency above 12 MHz, the reset input function of P1.5 must be enabled. An external circuit is required to
hold the device in reset at power-up until VDD has reached its specified level. When system power is removed VDD will fall below the
minimum specified operating voltage. When using an oscillator frequency above 12 MHz, in some applications, an external brownout
detect circuit may be required to hold the device in reset when VDD falls below the minimum specified operating voltage.
Table 10:
AC characteristics
VDD = 3.0 V to 3.6 V, unless otherwise specified.
Tamb = −40 °Cto+85 °C for industrial, unless otherwise specified.[1]
Symbol
Parameter
Conditions
Variable clock
fosc =18MHz
Unit
Min
Max
Min
Max
fRCOSC
internal RC oscillator frequency
(nominal f = 7.3728 MHz)
trimmed to
±1%
at Tamb =25 °C
7.189
7.557
7.189
7.557
MHz
fWDOSC
internal Watchdog oscillator
frequency (nominal f = 400 kHz)
320
520
320
520
kHz
fosc
oscillator frequency
[2]
0
18
-
-
MHz
tCLCL
clock cycle
see Figure 13
55
-
-
-
ns
fCLKP
CLKLP active frequency
0
8
-
-
MHz
Glitch filter
glitch rejection, P1.5/RST pin
-
50
-
50
ns
signal acceptance, P1.5/RST pin
125
-
125
-
ns
glitch rejection, any pin except
P1.5/RST
-
15
-
15
ns
signal acceptance, any pin except
P1.5/RST
50
-
50
-
ns
External clock
tCHCX
HIGH time
see Figure 13
22
tCLCL − tCLCX
22
-
ns
tCLCX
LOW time
see Figure 13
22
tCLCL − tCHCX
22
-
ns
tCLCH
rise time
see Figure 13
-5
-
5
ns
tCHCL
fall time
see Figure 13
-5
-
5
ns
Shift register (UART mode 0)
tXLXL
serial port clock cycle time
16 tCLCL
-
888
-
ns
tQVXH
output data set-up to clock rising
edge
13 tCLCL
-
722
-
ns
tXHQX
output data hold after clock rising
edge
-tCLCL + 20
-
75
ns
tXHDX
input data hold after clock rising
edge
-0
-
0
ns
tDVXH
input data valid to clock rising edge
150
-
150
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com