Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89LPC925 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # 89LPC925
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89LPC925 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button 89LPC925 Datasheet HTML 32Page - NXP Semiconductors 89LPC925 Datasheet HTML 33Page - NXP Semiconductors 89LPC925 Datasheet HTML 34Page - NXP Semiconductors 89LPC925 Datasheet HTML 35Page - NXP Semiconductors 89LPC925 Datasheet HTML 36Page - NXP Semiconductors 89LPC925 Datasheet HTML 37Page - NXP Semiconductors 89LPC925 Datasheet HTML 38Page - NXP Semiconductors 89LPC925 Datasheet HTML 39Page - NXP Semiconductors 89LPC925 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
36 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.25 Flash program memory
8.25.1
General description
The P89LPC924/925 Flash memory provides in-circuit electrical erasure and
programming. The Flash can be read, erased, or written as bytes. The Sector and
Page Erase functions can erase any Flash sector (1 kB) or page (64 bytes). The Chip
Erase operation will erase the entire program memory. In-System Programming and
standard parallel programming are both available. On-chip erase and write timing
generation contribute to a user-friendly programming interface. The P89LPC924/925
Flash reliably stores memory contents even after 100,000 erase and program cycles.
The cell is designed to optimize the erase and programming mechanisms. The
P89LPC924/925 uses VDD as the supply voltage to perform the Program/Erase
algorithms.
8.25.2
Features
• Parallel programming with industry-standard commercial programmers.
• In-Circuit serial Programming (ICP) with industry-standard commercial
programmers.
• IAP-Lite allows individual and multiple bytes of code memory to be used for data
storage and programmed under control of the end application.
• Internal fixed boot ROM, containing low-level In-Application Programming (IAP)
routines that can be called from the end application (in addition to IAP-Lite).
• Default serial loader providing In-System Programming (ISP) via the serial port,
located in upper end of user program memory.
• Boot vector allows user-provided Flash loader code to reside anywhere in the
Flash memory space, providing flexibility to the user.
• Programming and erase over the full operating voltage range.
• Read/Programming/Erase using ISP/IAP/IAP-Lite.
• Any flash program operation in 2 ms.
• Any flash erase operation in 4 ms.
• Programmable security for the code in the Flash for each sector.
• >100,000 typical erase/program cycles for each byte.
• 10 year minimum data retention.
8.25.3
ISP and IAP capabilities of the P89LPC924/925
Flash organization: The P89LPC924/925 program memory consists of four/eight
1 kB sectors. Each sector can be further divided into 64-byte pages. In addition to
sector erase, page erase, and byte erase, a 64-byte page register is included which
allows from 1 to 64 bytes of a given page to be programmed at the same time,
substantially reducing overall programming time. An In-Application Programming
(IAP) interface is provided to allow the end user’s application to erase and reprogram
the user code memory. In addition, erasing and reprogramming of
user-programmable bytes including UCFG1, the Boot Status Byte and the Boot
Vector are supported. As shipped from the factory, the upper 512 bytes of user code
space contains a serial In-System Programming (ISP) routine allowing for the device
to be programmed in circuit through the serial port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com