Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

89LPC925 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # 89LPC925
Description  8-bit microcontrollers with accelerated two-clock 80C51 core 4 kB/8 kB 3 V low-power Flash with 8-bit A/D converter
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

89LPC925 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button 89LPC925 Datasheet HTML 10Page - NXP Semiconductors 89LPC925 Datasheet HTML 11Page - NXP Semiconductors 89LPC925 Datasheet HTML 12Page - NXP Semiconductors 89LPC925 Datasheet HTML 13Page - NXP Semiconductors 89LPC925 Datasheet HTML 14Page - NXP Semiconductors 89LPC925 Datasheet HTML 15Page - NXP Semiconductors 89LPC925 Datasheet HTML 16Page - NXP Semiconductors 89LPC925 Datasheet HTML 17Page - NXP Semiconductors 89LPC925 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 49 page
background image
Philips Semiconductors
P89LPC924/925
8-bit microcontrollers with accelerated two-clock 80C51 core
Product data
Rev. 03 — 15 December 2004
14 of 49
9397 750 14471
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
8.
Functional description
Remark: Please refer to the
P89LPC924/925 User’s Manual for a more detailed
functional description.
8.1 Enhanced CPU
The P89LPC924/925 uses an enhanced 80C51 CPU which runs at 6 times the speed
of standard 80C51 devices. A machine cycle consists of two CPU clock cycles, and
most instructions execute in one or two machine cycles.
8.2 Clocks
8.2.1
Clock definitions
The P89LPC924/925 device has several internal clocks as defined below:
OSCCLK — Input to the DIVM clock divider. OSCCLK is selected from one of four
clock sources (see Figure 4) and can also be optionally divided to a slower frequency
(see Section 8.7 “CPU Clock (CCLK) modification: DIVM register”).
Note: fosc is defined as the OSCCLK frequency.
CCLK — CPU clock; output of the clock divider. There are two CCLK cycles per
machine cycle, and most instructions are executed in one to two machine cycles (two
or four CCLK cycles).
RCCLK — The internal 7.373 MHz RC oscillator output.
PCLK — Clock for the various peripheral devices and is CCLK/2
8.2.2
CPU clock (OSCCLK)
The P89LPC924/925 provides several user-selectable oscillator options in generating
the CPU clock. This allows optimization for a range of needs from high precision to
lowest possible cost. These options are configured when the FLASH is programmed
and include an on-chip watchdog oscillator, an on-chip RC oscillator, an oscillator
using an external crystal, or an external clock source. The crystal oscillator can be
optimized for low, medium, or high frequency crystals covering a range from 20 kHz
to 12 MHz.
8.2.3
Low speed oscillator option
This option supports an external crystal in the range of 20 kHz to 100 kHz. Ceramic
resonators are also supported in this configuration.
8.2.4
Medium speed oscillator option
This option supports an external crystal in the range of 100 kHz to 4 MHz. Ceramic
resonators are also supported in this configuration.
8.2.5
High speed oscillator option
This option supports an external crystal in the range of 4 MHz to 18 MHz. Ceramic
resonators are also supported in this configuration. When using an oscillator
frequency above 12 MHz, the reset input function of P1.5 must be enabled. An
external circuit is required to hold the device in reset at power-up until VDD has
reached its specified level. When system power is removed VDD will fall below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com