Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP352 Datasheet(PDF) 2 Page - World Produts Inc.

Part # PCMP352
Description  Self-healing properties
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP352 Datasheet(HTML) 2 Page - World Produts Inc.

  PCMP352 Datasheet HTML 1Page - World Produts Inc. PCMP352 Datasheet HTML 2Page - World Produts Inc. PCMP352 Datasheet HTML 3Page - World Produts Inc. PCMP352 Datasheet HTML 4Page - World Produts Inc. PCMP352 Datasheet HTML 5Page - World Produts Inc. PCMP352 Datasheet HTML 6Page - World Produts Inc. PCMP352 Datasheet HTML 7Page - World Produts Inc. PCMP352 Datasheet HTML 8Page - World Produts Inc. PCMP352 Datasheet HTML 9Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Pilkor components
PFC Input Capacitors
PCMP 352
Metallized Polypropylene film capacitors
(MPP)
266
Ordering Information
P
3
5
2
H
A
D
4
7
4
K
A
L
J
1
2
3
4
5
6
7
1
2
3
Code
Series Name
Code
Voltage+Version
Code
Original Pitch
P352
PCMP 352
HA
450V
D
10.0mm
F
15.0mm
4
5
6
Code
Capacitance
(example)
Code
Capacitance
Tolerance
Code
Revision
474
0.47uF
J
± 5 %
A
Standard
105
1.0uF
K
± 10 %
7
Product(lmax)
12.5
18.0
Code
Packing Method
Lead length
& Height
Hole
to hole
(Po)
Pitch(P)
LJ
Loose in box
lt= 5.0±1.0mm
-
10.0
15.0
LK
Loose in box
lt=25.0±2.0mm
-
10.0
15.0
BH
Ammo packing
H=18.5mm*
12.7mm
10.0
15.0
*H(In-tape height) ; For detailed specifications refer to chapter PACKAGING.
b
dt
l
P0
h
h
l
lt
H
P



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com