Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP352 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCMP352
Description  Self-healing properties
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP352 Datasheet(HTML) 4 Page - World Produts Inc.

  PCMP352 Datasheet HTML 1Page - World Produts Inc. PCMP352 Datasheet HTML 2Page - World Produts Inc. PCMP352 Datasheet HTML 3Page - World Produts Inc. PCMP352 Datasheet HTML 4Page - World Produts Inc. PCMP352 Datasheet HTML 5Page - World Produts Inc. PCMP352 Datasheet HTML 6Page - World Produts Inc. PCMP352 Datasheet HTML 7Page - World Produts Inc. PCMP352 Datasheet HTML 8Page - World Produts Inc. PCMP352 Datasheet HTML 9Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Pilkor components
PFC Input Capacitors
PCMP 352
Metallized Polypropylene film capacitors
(MPP)
268
VRdc = 450 V
CATALOGUE NUMBER
loose in box
lt= 5.0 ± 1.0 mm
lt= 25.0 ± 2.0 mm
Cap.
(㎌)
b x h x l
(mm)
Mass
(g)
C – tol. ± 10%
C – tol. ± 10%
Pitch = 10.0 ± 0.4 mm
dt = 0.6 + 0.06 / -0.05 mm
0.22
4.0 x 10.0 x 12.5
0.8
P352HAD224KALJ
P352HAD224KALK
0.27
5.0 x 11.0 x 12.5
1.0
P352HAD274KALJ
P352HAD274KALK
0.33
5.0 x 11.0 x 12.5
1.0
P352HAD334KALJ
P352HAD334KALK
0.39
6.0 x 12.0 x 12.5
1.3
P352HAD394KALJ
P352HAD394KALK
0.47
6.0 x 12.0 x 12.5
1.3
P352HAD474KALJ
P352HAD474KALK
Pitch = 15.0 ± 0.4 mm
dt = 0.8 + 0.08 / -0.05 mm
0.47
5.0 x 11.0 x 18.0
1.4
P352HAF474KALJ
P352HAF474KALK
0.56
6.0 x 12.0 x 18.0
1.8
P352HAF564KALJ
P352HAF564KALK
0.68
6.0 x 12.0 x 18.0
1.8
P352HAF684KALJ
P352HAF684KALK
0.82
7.0 x 13.5 x 18.0
2.2
P352HAF824KALJ
P352HAF824KALK
1.0
7.0 x 13.5 x 18.0
2.2
P352HAF105KALJ
P352HAF105KALK
1.2
8.5 x 15.0 x 18.0
2.9
P352HAF125KALJ
P352HAF125KALK
1.5
8.5 x 15.0 x 18.0
2.9
P352HAF155KALJ
P352HAF155KALK
1.8
10.0 x 16.5 x 18.0
3.6
P352HAF185KALJ
P352HAF185KALK
2.2
11.0 x 18.5 x 18.0
4.4
P352HAF225KALJ
P352HAF225KALK



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com