Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP352 Datasheet(PDF) 7 Page - World Produts Inc.

Part # PCMP352
Description  Self-healing properties
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP352 Datasheet(HTML) 7 Page - World Produts Inc.

  PCMP352 Datasheet HTML 1Page - World Produts Inc. PCMP352 Datasheet HTML 2Page - World Produts Inc. PCMP352 Datasheet HTML 3Page - World Produts Inc. PCMP352 Datasheet HTML 4Page - World Produts Inc. PCMP352 Datasheet HTML 5Page - World Produts Inc. PCMP352 Datasheet HTML 6Page - World Produts Inc. PCMP352 Datasheet HTML 7Page - World Produts Inc. PCMP352 Datasheet HTML 8Page - World Produts Inc. PCMP352 Datasheet HTML 9Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Pilkor components
PFC Input Capacitors
PCMP 352
Metallized Polypropylene film capacitors
(MPP)
271
0.1
1
10
100
1000
10000
100
1000
10000
100000
1000000
Fre qu e nc y [Hz ]
224
474
684
105
0.1
1
10
100
1000
10000
100
1000
10000
100000
1000000
Fr e qu e n c y [Hz ]
564
824
105
155
185
225
Impedance as a function of frequency
Impedance as a function of frequency
at Tamb. ≤ 85℃ for original pitch 10.0mm
at Tamb. ≤ 85℃ for original pitch 15.0mm
0.01
0.1
1
10
100
1000
10000
100000
1000000
Fr e qu ency[Hz ]
224
474
684
105
0.1
1
10
100
1000
100
1000
10000
100000
1000000
Fr e qu e n c y [ Hz ]
224
474
684
105
Permissible current as a function of frequency
AC voltage as a function of frequency
at Tamb. ≤ 85℃ for original pitch 10.0mm
at Tamb. ≤ 85℃ for original pitch 10.0mm
0.0
0.1
1.0
10.0
100
1000
10000
100000
1000000
Frequency[Hz ]
564
824
105
155
185
225
0.1
1.0
10.0
100.0
1000.0
100
1000
10000
100000
1000000
Fr e q u e n c y [H z ]
564
824
105
155
185
225
Permissible current as a function of frequency
AC voltage as a function of frequency
at Tamb. ≤ 85℃ for original pitch 15.0mm
at Tamb. ≤ 85℃ for original pitch 15.0mm
THE GRAPHS OF CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com