Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP389 Datasheet(PDF) 8 Page - World Produts Inc.

Part # PCMP389
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389 Datasheet(HTML) 8 Page - World Produts Inc.

Back Button PCMP389 Datasheet HTML 4Page - World Produts Inc. PCMP389 Datasheet HTML 5Page - World Produts Inc. PCMP389 Datasheet HTML 6Page - World Produts Inc. PCMP389 Datasheet HTML 7Page - World Produts Inc. PCMP389 Datasheet HTML 8Page - World Produts Inc. PCMP389 Datasheet HTML 9Page - World Produts Inc. PCMP389 Datasheet HTML 10Page - World Produts Inc. PCMP389 Datasheet HTML 11Page - World Produts Inc. PCMP389 Datasheet HTML 12Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
160
VRdc = 630 V
VRac = 250 V
~
Vp-p = 700 V
CATALOGUE NUMBER
PCMP 389 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 18.5 mm
Cap
(㎌)
b x h x l
(mm)
Mass
(g)
C – tol. ± 5%
C – tol. ± 5%
Pitch = 10.0
± 0.4 mm
dt = 0.6 mm ( + 0.06 / - 0.05)
0.010
0.011
0.012
0.013
0.015
0.016
4.0 x 10.0 x 12.5
0.8
PCMP 389 62103
PCMP 389 62113
PCMP 389 62123
PCMP 389 62133
PCMP 389 62153
PCMP 389 62163
PCMP 389 65103
PCMP 389 65113
PCMP 389 65123
PCMP 389 65133
PCMP 389 65153
PCMP 389 65163
0.018
0.020
0.022
0.024
5.0 x 11.0 x 12.5
0.9
PCMP 389 62183
PCMP 389 62203
PCMP 389 62223
PCMP 389 62243
PCMP 389 65183
PCMP 389 65203
PCMP 389 65223
PCMP 389 65243
0.027
0.030
0.033
6.0 x 12.0 x 12.5
1.0
PCMP 389 62273
PCMP 389 62303
PCMP 389 62333
PCMP 389 65273
PCMP 389 65303
PCMP 389 65333
Pitch = 15.0
± 0.4 mm
dt = 0.8 mm ( + 0.08 / - 0.05)
0.027
0.030
0.033
0.036
0.039
5.0 X 11.0 X 18.0
1.2
PCMP 389F62273
PCMP 389F62303
PCMP 389F62333
PCMP 389 62363
PCMP 389 62393
PCMP 389F65273
PCMP 389F65303
PCMP 389F65333
PCMP 389 65363
PCMP 389 65393
0.043
0.047
0.051
0.056
0.062
6.0 X 12.0 X 18.0
1.4
PCMP 389 62433
PCMP 389 62473
PCMP 389 62513
PCMP 389 62563
PCMP 389 62623
PCMP 389 65433
PCMP 389 65473
PCMP 389 65513
PCMP 389 65563
PCMP 389 65623
0.068
0.075
0.082
7.0 X 13.5 X 18.0
1.9
PCMP 389 62683
PCMP 389 62753
PCMP 389 62823
PCMP 389 65683
PCMP 389 65753
PCMP 389 65823
0.091
0.10
0.11
8.5 X 15.0 X 18.0
2.6
PCMP 389 62913
PCMP 389 62104
PCMP 389 62114
PCMP 389 65913
PCMP 389 65104
PCMP 389 65114
Pitch = 22.5
± 0.4 mm
dt = 0.8 mm ( + 0.08 / - 0.05)
0.10
0.11
0.12
0.13
0.15
0.16
7.0 X 16.5 X 26.0
3.1
PCMP 389J62104
PCMP 389J62114
PCMP 389 62124
PCMP 389 62134
PCMP 389 62154
PCMP 389 62164
PCMP 389J65104
PCMP 389J65114
PCMP 389 65124
PCMP 389 65134
PCMP 389 65154
PCMP 389 65164
0.18
0.20
0.22
8.5 X 18.0 X 26.0
4.4
PCMP 389 62184
PCMP 389 62204
PCMP 389 62224
PCMP 389 65184
PCMP 389 65204
PCMP 389 65224
0.24
0.27
0.30
10.0 X 19.5 X 26.0
5.5
PCMP 389 62244
PCMP 389 62274
PCMP 389 62304
PCMP 389 65244
PCMP 389 65274
PCMP 389 65304



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com