Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP389 Datasheet(PDF) 1 Page - World Produts Inc.

Part # PCMP389
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389 Datasheet(HTML) 1 Page - World Produts Inc.

  PCMP389 Datasheet HTML 1Page - World Produts Inc. PCMP389 Datasheet HTML 2Page - World Produts Inc. PCMP389 Datasheet HTML 3Page - World Produts Inc. PCMP389 Datasheet HTML 4Page - World Produts Inc. PCMP389 Datasheet HTML 5Page - World Produts Inc. PCMP389 Datasheet HTML 6Page - World Produts Inc. PCMP389 Datasheet HTML 7Page - World Produts Inc. PCMP389 Datasheet HTML 8Page - World Produts Inc. PCMP389 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
153
MKP RADIAL POTTED CAPACITORS
Pitch 10.0/15.0/22.5/27.5mm
(reduced pitch 7.5mm)
QUICK REFERENCE DATA
Capacitance range (E24 series)
Capacitance tolerance
Rated voltage (DC)
Climatic category
Temperature range
Reference specification
Potting & Encapsulation material
0.01 to 3.9㎌
±5%
250 V, 400 V, 630 V
55/105/56
-55℃ ~ +105℃
IEC 60384-17/16
Qualified in accordance with UL94V-0
FEATURES
. 15mm to 27.5mm lead pitch
. Low contact resistance
. Low loss dielectric
. Small dimensions for high density packaging
. Supplied loose in box and taped on reel
APPLICATIONS
. Where steep pulses occur e.g. SMPS (switch
mode power supplies)
. S - correction
. Motor control circuits
• Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf
before using these products.


Similar Part No. - PCMP389

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
PCMP384 WPI-PCMP384 Datasheet
324Kb / 26P
Small dimension for high density packaging
PCMP384D02 WPI-PCMP384D02 Datasheet
324Kb / 26P
Small dimension for high density packaging
PCMP384D03 WPI-PCMP384D03 Datasheet
324Kb / 26P
Small dimension for high density packaging
PCMP384D05 WPI-PCMP384D05 Datasheet
324Kb / 26P
Small dimension for high density packaging
PCMP384D07 WPI-PCMP384D07 Datasheet
324Kb / 26P
Small dimension for high density packaging
More results

Similar Description - PCMP389

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2023 MACOM-2023 Datasheet
83Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
List of Unclassifed Man...
B3562 ETC1-B3562 Datasheet
73Kb / 6P
LOW-LOSS FILTER
logo
M/A-COM Technology Solu...
2023 MA-COM-2023 Datasheet
52Kb / 2P
Air Dielectric Directional Couplers Low Loss, Octave Bandwidth
logo
Shenzhen Winsemi Microe...
WGW15G120W WINSEMI-WGW15G120W Datasheet
455Kb / 7P
Low Loss IGBT
WGW15G120N WINSEMI-WGW15G120N Datasheet
446Kb / 7P
Low Loss IGBT
logo
RF Monolithics, Inc
SF2059B-1 RFM-SF2059B-1 Datasheet
205Kb / 5P
Low Insertion Loss
SF2085A RFM-SF2085A Datasheet
136Kb / 4P
Low Insertion Loss
logo
Anaren Microwave
1P503AS ANAREN-1P503AS Datasheet
713Kb / 10P
Low Loss
logo
Laird Tech Smart Techno...
LOK LSTD-LOK Datasheet
134Kb / 2P
Low dielectric constant
CPE LSTD-CPE Datasheet
125Kb / 2P
Low dielectric loss
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com