Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP389 Datasheet(PDF) 12 Page - World Produts Inc.

Part # PCMP389
Description  Low loss dielectric
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP389 Datasheet(HTML) 12 Page - World Produts Inc.

Back Button PCMP389 Datasheet HTML 8Page - World Produts Inc. PCMP389 Datasheet HTML 9Page - World Produts Inc. PCMP389 Datasheet HTML 10Page - World Produts Inc. PCMP389 Datasheet HTML 11Page - World Produts Inc. PCMP389 Datasheet HTML 12Page - World Produts Inc. PCMP389 Datasheet HTML 13Page - World Produts Inc. PCMP389 Datasheet HTML 14Page - World Produts Inc. PCMP389 Datasheet HTML 15Page - World Produts Inc. PCMP389 Datasheet HTML 16Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Pilkor components
AC and Pulse
PCMP 389
Metallized Polypropylene film capacitors
164
Insulation Resistance
The insulation resistance is measured for 1min ±5s, at 100V for VRdc < 630V, at 500V for VRdc ≥ 630V
Rins > 100,000㏁ when C < 0.33㎌
Rins > 30,000ΩF when C > 0.33㎌
Rated Voltage Pulse Lode Slope (dV/dt)R
For values see specific reference data. If the pulse voltage is lower than the rated voltage, the values of
the specific reference data mast be multiplied by VRdc and divided by the applied voltage
MAXIMUM RATED VOLTAGE PULSE SLOPE (V/㎲)
Rated voltage
P = 10.0 mm
P = 15.0 mm
P = 22.5 mm
P = 27.5 mm
250 V
280
200
125
50
400 V
420
300
180
70
630 V
550
400
250
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com