Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV1012SC Datasheet(PDF) 23 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1012SC
Description  LED driver IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1012SC Datasheet(HTML) 23 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1012SC Datasheet HTML 19Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 20Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 21Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 22Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 23Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 33 page
background image
MV1012SC
22
(a) Noise fades within
LEB period
(b) Noise does not fade
within LEB period
Figure 17 Example of false detection due to switching-on noise
The resonant current flowing in toff2 period also flows to the current detection resistor Rcs. Vcs oscillates around 0 V
during the toff2 period. Even in case of the same VREF, Io accuracy and smoothness of dimming characteristics may be
degraded (see VREF ripple: Small in Figure 19) if the on-time changes significantly depending on whether Vcs at on-timing
exceeds 0 V, as shown in Figure 18.
The amplitude of Vcs during the toff2 period can be reduced by reducing the Coss of MOSFET and the Cr of the
resonant capacitor. Increasing the ripple voltage of VREF averages any changes in the on-time and reduces
Vcs-dependent changes in Io at switching-on. (See VREF ripple: Large in Figure 19.)
Figure 18 Changes in on-time determined by switching-on
timing in the [B] region
Figure 19 Example illustrating degraded smoothness of
dimming characteristics
LEB period
LEB period
VCS
VDS
Vb
Vi+VF
Gate
Vcc
VREF
×1/5
Io
VREF
VREF ripple: Small
VREF ripple: Large
CAT.No.1A0602-1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com