Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV1012SC Datasheet(PDF) 28 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1012SC
Description  LED driver IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1012SC Datasheet(HTML) 28 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1012SC Datasheet HTML 24Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
MV1012SC
27
6. Operations in abnormal situations
While the MV1012SC incorporates various protection functions, certain problems cannot be averted by the IC functions
alone. Provided below are some examples of typical abnormal situations. These are provided as a guide.
Always perform appropriate testing using the actual apparatus, including open-circuit and short-circuit tests, to check
operations in abnormal situations.
6.1 LED open-circuit
The MV1012SC has a latch-off function to protect against LED open-circuits using the auxiliary winding voltage and
Vcc_OVP function. For details, see [LED open-circuit protection using auxiliary winding] on page 16.
Auxiliary winding is used:
 The output voltage is detected indirectly using the auxiliary winding voltage, and the latch-off is performed with
the Vcc_OVP function.
Auxiliary winding is not used:
 The IC operates with the maximum on-time, Ton_max. Vo becomes nearly equal to Vi.
The withstand voltage of the output capacitor should be the same as that of the input capacitor.
6.2 LED short-circuit
If Vo becomes 0 V, the operation automatically switches to the restart operation from zero current detection. That
makes it possible to limit forcibly the current in the event of an LED short-circuit. After the short-circuit is resolved, the IC is
automatically reset and starts to operate with zero current detection.
If the formula below is fulfilled, the IC operates in continuous conduction mode, and a short-circuit current flowing to the
MOSFET or the fly-wheel diode is likely to increase. Make sure the actual apparatus is unaffected in such cases.
VF is the forward voltage of the fly-wheel diode D1.
Figure 24 shows the ideal waveforms for the Svout and Svin pins in the event of an LED short-circuit. Make sure the
Svin voltage always exceeds the Svout voltage in the event of an LED short-circuit. To prevent false switching-on due to
noise, we recommend making the value of resistors R5 + R6 about 5% less than R7 + R8. For noise reduction, insert
capacitors C8 and C9. (See Sections 3.2.10 and 3.2.13.)
Figure 24 Svin and Svout pin waveforms in the event of an LED short-circuit
F
V
min
_
Ton
max
_
Toff
Vi
CAT.No.1A0602-1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com