Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MV1012SC Datasheet(PDF) 31 Page - Shindengen Electric Mfg.Co.Ltd

Part # MV1012SC
Description  LED driver IC
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MV1012SC Datasheet(HTML) 31 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MV1012SC Datasheet HTML 25Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 26Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 27Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 28Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 29Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 30Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 31Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 32Page - Shindengen Electric Mfg.Co.Ltd MV1012SC Datasheet HTML 33Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
MV1012SC
30
7.2 Power supply characteristics
 Efficiency characteristics
 Dimming characteristics
(Vin = 200 V DC, Vcc = 14 V)
(Vin = 200 V DC, Vo = 140 V, Vcc = 14 V)
7.3 Example of operation waveform
Waveform in the [A] frequency modulation region
CH1
VDS
50 V/div
CH3
IL
0.2 A/div
time
4 us/div
Vin
200 V DC
Io
300 mA
Dimming ratio of 100%
Vo = 140 V
→ GND1
→ GND3
CAT.No.1A0602-1E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com