Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384D02 Datasheet(PDF) 17 Page - World Produts Inc.

Part # PCMP384D02
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384D02 Datasheet(HTML) 17 Page - World Produts Inc.

Back Button PCMP384D02 Datasheet HTML 13Page - World Produts Inc. PCMP384D02 Datasheet HTML 14Page - World Produts Inc. PCMP384D02 Datasheet HTML 15Page - World Produts Inc. PCMP384D02 Datasheet HTML 16Page - World Produts Inc. PCMP384D02 Datasheet HTML 17Page - World Produts Inc. PCMP384D02 Datasheet HTML 18Page - World Produts Inc. PCMP384D02 Datasheet HTML 19Page - World Produts Inc. PCMP384D02 Datasheet HTML 20Page - World Produts Inc. PCMP384D02 Datasheet HTML 21Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
201
VRdc = 2000 V
VRac = 700 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.00022
0.00027
0.00033
0.00039
0.00047
0.00056
0.00068
0.00082
5.0 x 11.0 x 18.0
1.2
PCMP 384 2H221(*)
PCMP 384 2H271(*)
PCMP 384 2H331(*)
PCMP 384 2H391(*)
PCMP 384 2H471(*)
PCMP 384 2H561(*)
PCMP 384 2H681(*)
PCMP 384 2H821(*)
- (*)
- (*)
- (*)
- (*)
- (*)
- (*)
- (*)
- (*)
0.0010
0.0011
0.0012
0.0013
0.0015
0.0016
0.0018
0.0020
0.0022
0.0024
5.0 x 11.0 x 18.0
1.2
PCMP 384 22102
PCMP 384 22112
PCMP 384 22122
PCMP 384 22132
PCMP 384 22152
PCMP 384 22162
PCMP 384 22182
PCMP 384 22202
PCMP 384 22222
PCMP 384 22242
PCMP 384 2A102
PCMP 384 2A112
PCMP 384 2A122
PCMP 384 2A132
PCMP 384 2A152
PCMP 384 2A162
PCMP 384 2A182
PCMP 384 2A202
PCMP 384 2A222
PCMP 384 2A242
0.0027
0.0030
0.0033
0.0036
6.0 x 12.0 x 18.0
1.4
PCMP 384 22272
PCMP 384 22302
PCMP 384 22332
PCMP 384 22362
PCMP 384 2A272
PCMP 384 2A302
PCMP 384 2A332
PCMP 384 2A362
0.0039
0.0043
0.0047
7.0 x 13.5 x 18.0
1.9
PCMP 384 22392
PCMP 384 22432
PCMP 384 22472
PCMP 384 2A392
PCMP 384 2A432
PCMP 384 2A472
0.0051
0.0056
0.0062
0.0068
8.5 x 15.0 x 18.0
2.6
PCMP 384 22512
PCMP 384 22562
PCMP 384 22622
PCMP 384 22682
PCMP 384 2A512
PCMP 384 2A562
PCMP 384 2A622
PCMP 384 2A682
0.0075
0.0082
0.0091
0.010
10.0 x 16.5 x 18.0
3.1
PCMP 384 22752
PCMP 384 22822
PCMP 384 22912
PCMP 384 22103
PCMP 384 2A752
PCMP 384 2A822
PCMP 384 2A912
PCMP 384 2A103
* Capacitance tolerance±10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com