Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384D02 Datasheet(PDF) 12 Page - World Produts Inc.

Part # PCMP384D02
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384D02 Datasheet(HTML) 12 Page - World Produts Inc.

Back Button PCMP384D02 Datasheet HTML 8Page - World Produts Inc. PCMP384D02 Datasheet HTML 9Page - World Produts Inc. PCMP384D02 Datasheet HTML 10Page - World Produts Inc. PCMP384D02 Datasheet HTML 11Page - World Produts Inc. PCMP384D02 Datasheet HTML 12Page - World Produts Inc. PCMP384D02 Datasheet HTML 13Page - World Produts Inc. PCMP384D02 Datasheet HTML 14Page - World Produts Inc. PCMP384D02 Datasheet HTML 15Page - World Produts Inc. PCMP384D02 Datasheet HTML 16Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
196
VRdc = 1250 V
VRac = 550 V
~
CATALOGUE NUMBER
PCMP 384 .....
loose in box
ammo packing
lt = 5.0 ± 1.0 mm
H = 16.0 mm
Reduced pitch(7.5mm)
Cap
(㎌)
b x h x l
(mm)
Mess
(g)
C – tol. ± 5 %
C – tol. ± 5 %
Pitch = 15.0
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.010
5.0 x 11.0 x 18.0
1.2
PCMP 384FN2103
PCMP 384FNA103
0.010
0.011
0.012
0.013
0.015
0.016
6.0 x 12.0 x 18.0
1.4
PCMP 384 N2103
PCMP 384 N2113
PCMP 384 N2123
PCMP 384 N2133
PCMP 384FN2153
PCMP 384FN2163
PCMP 384 NA103
PCMP 384 NA113
PCMP 384 NA123
PCMP 384 NA133
PCMP 384FNA153
PCMP 384FNA163
0.015
0.016
0.018
0.020
7.0 x 13.5 x 18.0
1.9
PCMP 384 N2153
PCMP 384 N2163
PCMP 384FN2183
PCMP 384FN2203
PCMP 384 NA153
PCMP 384 NA163
PCMP 384FNA183
PCMP 384FNA203
0.018
0.020
0.022
0.024
0.027
0.030
8.5 x 15.0 x 18.0
2.6
PCMP 384 N2183
PCMP 384 N2203
PCMP 384 N2223
PCMP 384 N2243
PCMP 384FN2273
PCMP 384FN2303
PCMP 384 NA183
PCMP 384 NA203
PCMP 384 NA223
PCMP 384 NA243
PCMP 384FNA273
PCMP 384FNA303
0.027
0.030
0.033
0.036
0.039
10.0 x 16.5 x 18.0
3.1
PCMP 384 N2273
PCMP 384 N2303
PCMP 384 N2333
PCMP 384FN2363
PCMP 384FN2393
PCMP 384 NA273
PCMP 384 NA303
PCMP 384 NA333
PCMP 384FNA363
PCMP 384FNA393
0.036
0.039
0.043
0.047
11.0 x 18.5 x 18.0
4.1
PCMP 384 N2363
PCMP 384 N2393
PCMP 384 N2433
PCMP 384 N2473
PCMP 384 NA363
PCMP 384 NA393
PCMP 384 NA433
PCMP 384 NA473
Pitch = 22.5
± 0.4 mm
dt = 0.8 +0.08/-0.05 mm
0.051
8.5 x 18.0 x 26.0
4.4
PCMP 384 N2513
-
0.056
0.062
0.068
0.075
10.0 x 19.5 x 26.0
5.5
PCMP 384 N2563
PCMP 384 N2623
PCMP 384 N2683
PCMP 384 N2753
-
-
-
-
0.082
0.091
0.10
11.5 x 21.0 x 26.0
6.7
PCMP 384 N2823
PCMP 384 N2913
PCMP 384 N2104
-
-
-
0.11
0.12
13.0 x 23.0 x 26.0
8.0
PCMP 384 N2114
PCMP 384 N2124
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com