Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMP384D02 Datasheet(PDF) 2 Page - World Produts Inc.

Part # PCMP384D02
Description  Small dimension for high density packaging
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCMP384D02 Datasheet(HTML) 2 Page - World Produts Inc.

  PCMP384D02 Datasheet HTML 1Page - World Produts Inc. PCMP384D02 Datasheet HTML 2Page - World Produts Inc. PCMP384D02 Datasheet HTML 3Page - World Produts Inc. PCMP384D02 Datasheet HTML 4Page - World Produts Inc. PCMP384D02 Datasheet HTML 5Page - World Produts Inc. PCMP384D02 Datasheet HTML 6Page - World Produts Inc. PCMP384D02 Datasheet HTML 7Page - World Produts Inc. PCMP384D02 Datasheet HTML 8Page - World Produts Inc. PCMP384D02 Datasheet HTML 9Page - World Produts Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Pilkor components
Metallized Polypropylene
PCMP 384
film capacitors
186
Ordering Information
* Reduced pitch (Reduced lead spacings)
** Reduced pitch (Low height)
Available versions
Product (lmax)
12.5
18.0
26.0
31.0
Code
Packing
method
C-tol.
Lead length &
Height
Hole
to hole
( P0 )
Pitch (P)
2
Loose in box
±
5%
lt = 5.0±1.0mm
-
10.0
15.0
22.5
27.5
8
Loose in box
±
3.5%
lt = 5.0±1.0mm
-
10.0
15.0
22.5
27.5
H
Loose in box
±
10%
lt = 5.0±1.0mm
-
10.0
15.0
22.5
27.5
3
Loose in box
±
5%
lt =25.0±2.0mm
-
10.0
15.0
22.5
27.5
7
Loose in box
±
10%
lt =25.0±2.0mm
-
10.0
15.0
22.5
27.5
5
Ammo packing
±
5%
H=18.5mm
12.7mm
10.0
15.0
22.5
27.5
A
Ammo packing
±
5%
H0=16.0mm
15.0mm
7.5(*)
7.5(*)
-
-
C
Ammo packing
±
5%
H0=16.0mm
15.0mm
-
7.5(**)
-
-
Type series
PCMP 384 (X) X X
XXX
Code
Voltage
4
250V
5
400V
6
630V
C
630V mini
1
630V (400Vac)
M
800V
7
1000V
D
1000V mini
N
1250V
8
1600V
9
2000V
2
2000V(700Vac)
0
2500V
l
h
lt
P
l
h
P0
H0
5.0 max
b
dt
l
P0
h
H
l
h
P0
H0
2.0 max
* In case of overlapping the value,
use the 13NC with pitch information.
*Code
Original pitch
D
10.0mm
F
15.0mm
J
22.5mm
L
27.5mm
Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com