Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW225 Datasheet(PDF) 2 Page - World Produts Inc.

Part # PCPW225
Description  High ripple current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW225 Datasheet(HTML) 2 Page - World Produts Inc.

  PCPW225 Datasheet HTML 1Page - World Produts Inc. PCPW225 Datasheet HTML 2Page - World Produts Inc. PCPW225 Datasheet HTML 3Page - World Produts Inc. PCPW225 Datasheet HTML 4Page - World Produts Inc. PCPW225 Datasheet HTML 5Page - World Produts Inc. PCPW225 Datasheet HTML 6Page - World Produts Inc. PCPW225 Datasheet HTML 7Page - World Produts Inc. PCPW225 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 225
( Switching Application )
300
Ordering Information
Packing Information
Loose in box
SMALLEST PACKING QUANTITIES
( SPQ )
lt = 5.0 ± 1.0mm
lt = 25.0 ± 1.0mm
11.0 x 21.0 x 31.0
13.0 x 23.0 x 31.0
15.0 x 25.0 x 31.0
18.0 x 28.0 x 31.0
21.0 x 31.0 x 31.0
500
250
250
200
150
250
250
250
200
150
Available versions
Product (lmax)
31.0
Code
Packing
method
C-tol.
Lead length
& Height
Pitch (P)
2
Loose in box
±
10%
lt = 5.0±1.0mm
27.5
3
Loose in box
±
10%
lt =25.0±2.0mm
27.5
Code
Voltage
A
250V mini
J
450V mini
Q
630V mini
K
850V mini
PCPW 225 X X X X X X
Type series
Capacitance
Code
Original pitch
L
27.5mm
b
dt
h
l
lt
P±0.4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com