Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW225 Datasheet(PDF) 5 Page - World Produts Inc.

Part # PCPW225
Description  High ripple current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW225 Datasheet(HTML) 5 Page - World Produts Inc.

  PCPW225 Datasheet HTML 1Page - World Produts Inc. PCPW225 Datasheet HTML 2Page - World Produts Inc. PCPW225 Datasheet HTML 3Page - World Produts Inc. PCPW225 Datasheet HTML 4Page - World Produts Inc. PCPW225 Datasheet HTML 5Page - World Produts Inc. PCPW225 Datasheet HTML 6Page - World Produts Inc. PCPW225 Datasheet HTML 7Page - World Produts Inc. PCPW225 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 225
( Switching Application )
303
SPACE REQUIREMENTS ON PRINTED-CIRCUIT BOARD
The maximum length and width of film capacitors are shown in the following drawing ;
- Eccentricity as in drawing.
The maximum eccentricity is smaller than or equal to the lead diameter of the product concerned.
- Product height with seating plane as given by IEC 60717 as reference : hmax ≤ h+0.3mm
CHARACTERISTICS
Test Voltage
. Test Voltage ( between terminations ) : 1.6 x VRdc, 10s ( 1 min for type test )
. Test Voltage ( between leads and case ) : 3KV- 50Hz(or 60Hz) for 60 seconds
Dissipation Factor
Dissipation factor ( x 10
-4 )
Rated voltage
Capacitance
1 kHz
10 kHz
250V mini
C ≤ 5.0 ㎌
5.0 ㎌ < C ≤ 25.0 ㎌
C >25.0 ㎌
≤
5
≤
8
≤
10
450V mini
C ≤ 5.0 ㎌
5.0 ㎌ < C ≤ 25.0 ㎌
C >25.0 ㎌
≤
5
≤
8
≤
10
630V mini
C ≤ 5.0 ㎌
5.0 ㎌ < C ≤ 25.0 ㎌
C >25.0 ㎌
≤
5
≤
8
≤
10
850V mini
C ≤ 5.0 ㎌
5.0 ㎌ < C ≤ 25.0 ㎌
≤
5
≤
8
Insulation Resistance
The insulation resistance is measured after a voltage has been applied for 1minute ±5 second.
The voltage being 100±15V for the 250 / 450V versions and 500V±50V for the 630V / 850V versions
RC (Ω•F) > 30,000 s
Self heating temperature ; Max 10℃
Eccentricity
Imax = I +0.3 mm
b max = b + 0.3mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com