Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCPW225 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCPW225
Description  High ripple current
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCPW225 Datasheet(HTML) 4 Page - World Produts Inc.

  PCPW225 Datasheet HTML 1Page - World Produts Inc. PCPW225 Datasheet HTML 2Page - World Produts Inc. PCPW225 Datasheet HTML 3Page - World Produts Inc. PCPW225 Datasheet HTML 4Page - World Produts Inc. PCPW225 Datasheet HTML 5Page - World Produts Inc. PCPW225 Datasheet HTML 6Page - World Produts Inc. PCPW225 Datasheet HTML 7Page - World Produts Inc. PCPW225 Datasheet HTML 8Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Pilkor components
Metallized Polypropylene Film Capacitors
PCPW 225
( Switching Application )
302
VRdc = 630V mini
VRac
(3) = 330 V~
Vpk = 800 V
Code
Loose in box
Cap
(㎌)
b x h x l
(mm)
dt
(mm)
P
(mm)
dv/dt
(V/us )
Ipk
(A)
Irms
(1)
(A)
ESR
(2)
(mΩ)
±
10%, lt = 5±1 mm
1.0
11.0 X 21.0 X 31.0
0.8
27.5
90
90
5.5
10.1
PCPW 225LQ2105
2.2
15.0 X 25.0 X 31.0
1.0
27.5
90
198
7.5
6.9
PCPW 225LQ2225
3.3
18.0 X 28.0 X 31.0
1.0
27.5
90
297
9.0
5.2
PCPW 225LQ2335
3.9
21.0 X 31.0 X 31.0
1.0
27.5
90
351
9.7
4.5
PCPW 225LQ2395
VRdc = 850V mini
VRac
(3) = 330 V~
Vpk = 1200 V
Code
Loose in box
Cap
(㎌)
b x h x l
(mm)
dt
(mm)
P
(mm)
dv/dt
(V/us )
Ipk
(A)
Irms
(1)
(A)
ESR
(2)
(mΩ)
±
10%, lt = 5±1 mm
1.0
13.0 X 23.0 X 31.0
1.0
27.5
120
120
6.2
9.2
PCPW 225LK2105
1.5
18.0 X 28.0 X 31.0
1.0
27.5
120
180
7.8
7.1
PCPW 225LK2155
2.0
21.0 X 31.0 X 31.0
1.0
27.5
120
240
9.4
4.9
PCPW 225LK2205
(1) Max. at 100KHz, +70℃
(2) Typical values at 100KHz
(3) Not suitable for across the line application



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com