Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCX1 Datasheet(PDF) 3 Page - World Produts Inc.

Part # PCX1
Description  Supplied loose in box and taped on reel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCX1 Datasheet(HTML) 3 Page - World Produts Inc.

  PCX1 Datasheet HTML 1Page - World Produts Inc. PCX1 Datasheet HTML 2Page - World Produts Inc. PCX1 Datasheet HTML 3Page - World Produts Inc. PCX1 Datasheet HTML 4Page - World Produts Inc. PCX1 Datasheet HTML 5Page - World Produts Inc. PCX1 Datasheet HTML 6Page - World Produts Inc. PCX1 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Pilkor components
EMI Suppression
PCX1 331
film capacitors
133
SAFETY APPROVALS
SAFETY APPROVALS
Voltage
Value
File Number
UL 60384-14 &
CSA E60384-14:09(cUL)
440V(AC)
10nF to 1uF
E165646
ENEC(SEMKO)*
440V(AC)
10nF to 1uF
SE/02566
* The ENEC-approval together with the CB-Certificate replace all national approval marks of the
following countries(they have already signed the ENEC-Agreement): Austria; Belgium; Czech.
Republic; Denmark; Finland; France; Germany; Greece; Hungary; Ireland; Italy; Luxembourg;
Netherlands; Norway; Portugal; Slovenian; Spain; Sweden; Switzerland and United Kingdom
Packaging Information
SMALLEST PACKING QUANTITIES
(SPQ)
LOOSE IN BOX
DIMENSIONS
lt = 5.0±1.0 mm
lt = 25±2.0 mm
5.0 x 11.0 x 18.0
1000
1000
6.0 x 12.0 x 18.0
1000
1000
7.0 x 13.5 x 18.0
1000
1000
8.5 x 15.0 x 18.0
1000
1000
10.0 x 16.5 x 18.0
1000
1000
6.0 x 15.5 x 26.0
1000
1000
7.0 x 16.5 x 26.0
1000
1000
8.5 x 18.0 x 26.0
500
500
10.0 x 19.5 x 26.0
500
500
12.0 x 22.0 x 26.0
500
500
11.0 x 21.0 x 31.0
500
250
13.0 x 23.0 x 31.0
250
250
15.0 x 25.0 x 31.0
250
250
18.0 x 28.0 x 31.0
200
200
21.0 x 31.0 x 31.0
150
150



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com