Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCX1 Datasheet(PDF) 7 Page - World Produts Inc.

Part # PCX1
Description  Supplied loose in box and taped on reel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCX1 Datasheet(HTML) 7 Page - World Produts Inc.

  PCX1 Datasheet HTML 1Page - World Produts Inc. PCX1 Datasheet HTML 2Page - World Produts Inc. PCX1 Datasheet HTML 3Page - World Produts Inc. PCX1 Datasheet HTML 4Page - World Produts Inc. PCX1 Datasheet HTML 5Page - World Produts Inc. PCX1 Datasheet HTML 6Page - World Produts Inc. PCX1 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Pilkor components
EMI Suppression
PCX1 331
film capacitors
137
PRODUCT MARKING
Capacitors are marked with the following information;
1.Manufacturer (PILKOR) for capacitors
2.Manufacturer's type designation (PCX1 331)
3.Rated capacitance in code according to IEC 60062
4.Rated (AC) voltage (440V
~)
5.Sub class (X1)
6.Tolerance on rated capacitance M =±20 % K = ±10 %
7.Climatic category (55/105/21)
8.Code for dielectric material (MKP) for capacitors with original pitch
9.Year and week of manufacturing (1401)
10.Safety approvals
Example of marking
Pitch
P = 15mm or 22.5mm or 27.5mm
Head face
Side face
Pitch
P = 22.5mm or 27.5mm
Head face
Pitch
P = 27.5mm
Head face
100n M 440V~ X1
PCX1 331 MKP
PILKOR 1401
55/105/21
1u M 440V~ X1
PCX1 331 MKP
PILKOR
1401
1u M 440V~
331 PILKOR 1401
55/105/21
X1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com