Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCX1 Datasheet(PDF) 4 Page - World Produts Inc.

Part # PCX1
Description  Supplied loose in box and taped on reel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCX1 Datasheet(HTML) 4 Page - World Produts Inc.

  PCX1 Datasheet HTML 1Page - World Produts Inc. PCX1 Datasheet HTML 2Page - World Produts Inc. PCX1 Datasheet HTML 3Page - World Produts Inc. PCX1 Datasheet HTML 4Page - World Produts Inc. PCX1 Datasheet HTML 5Page - World Produts Inc. PCX1 Datasheet HTML 6Page - World Produts Inc. PCX1 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Pilkor components
EMI Suppression
PCX1 331
film capacitors
134
SPECIFIC REFERENCE DATA FOR 275 VAC
Tangent of loss angle
at 1 kHz
at 10 kHz
at 100kHz
C ≤ 470 nF
C > 470 nF
≤
10 x 10
-4
≤
20 x 10
-4
≤
20 x 10
-4
≤
70 x 10
-4
≤
100 x 10
–4
-
Rated voltage pulse slope (dV/dt)R
P = 15.0 mm
P = 22.5 mm
P = 27.5 mm
250 V/us
150 V/us
100 V/us
R between leads, for C ≤ 0.33 uF at 100V 1min
>
15 000 MΩ
RC between leads, for C > 0.33 uF at 100V 1min
>
5000 s
R between leads and case ; 100V 1min
>
30 000 MΩ
Withstanding(DC) Voltage (cut-off current 10mA)
3400 V ; 1 min
Withstanding(AC) Voltage between leads and case
2400 V ; 1 min
VRac = 440V~ X1
CATALOGUE NUMBER
PCX1 331 .....
loose in box
lt = 5.0 ± 1.0 mm
lt = 25.0 ± 2.0 mm
Cap.
(uF)
b x h x l
(mm)
MASS
(g)
C - tol
±
20 %
C - tol
±
10 %
C - tol
±
20 %
C - tol
±
10 %
Pitch = 15.0 ± 0.4 mm
dt = 0.8+0.08/-0.05 mm
0.01
F40103
F41103
F44103
F45103
0.015
F40153
F41153
F44153
F45153
0.022
5.0 x 11.0 x 18.0
1.2
F40223
F41223
F44223
F45223
0.033
6.0 x 12.0 x 18.0
1.4
F40333
F41333
F44333
F45333
0.047
7.0 x 13.5 x 18.0
1.9
F40473
F41473
F44473
F45473
0.068
8.5 x 15.0 x 18.0
2.6
F40683
F41683
F44683
F45683
0.1
10.0 x 16.5 x 18.0
3.1
F40104
F41104
F44104
F45104
Pitch = 22.5 ± 0.4 mm
dt = 0.8+0.08/-0.05 mm
0.068
6.0 x 15.5 x 26.0
2.6
J40683
J41683
J44683
J45683
0.1
7.0 x 16.5 x 26.0
3.1
J40104
J41104
J44104
J45104
0.15
8.5 x 18.0 x 26.0
4.4
J40154
J41154
J44154
J45154
0.22
10.0 x 19.5 x 26.0
5.5
J40224
J41224
J44224
J45224
0.33
12.0 x 22.0 x 26.0
6.7
J40334
J41334
J44334
J45334
Pitch = 27.5 ± 0.4 mm
dt = 0.8+0.08/-0.05 mm
0.22
11.0 x 21.0 x 31.0
7.8
L40224
L41224
L44224
L45224
0.33
13.0 x 23.0 x 31.0
10.4
L40334
L41334
L44334
L45334
0.47
15.0 x 25.0 x 31.0
12.8
L40474
L41474
L44474
L45474
0.68
18.0 x 28.0 x 31.0
17.2
L40684
L41684
L44684
L45684
1.0
21.0 x 31.0 x 31.0
20.4
L40105
L41105
L44105
L45105
Original pitch
New Code
Old Code
Example
15.0mm
PCX1 331F4xxxx
PCX1 331 4xxxx
22.5mm
PCX1 331J4xxxx
PCX1 331 5xxxx
27.5mm
PCX1 331L4xxxx
PCX1 331 6xxxx
PCX1 331 45104
=> PCX1 331F45104



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com