Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECL_RX Datasheet(PDF) 1 Page - ams AG

Part # PECL_RX
Description  CMOS PECL Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PECL_RX Datasheet(HTML) 1 Page - ams AG

  PECL_RX Datasheet HTML 1Page - ams AG PECL_RX Datasheet HTML 2Page - ams AG PECL_RX Datasheet HTML 3Page - ams AG PECL_RX Datasheet HTML 4Page - ams AG PECL_RX Datasheet HTML 5Page - ams AG PECL_RX Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Revision B, 10.09.02
Page1of6
ANALOG IP BLOCK
PECL_RX - CMOS PECL Receiver
DATA SHEET
FEATURES
!
PECL_RX area: 0.1 mm2,
size: x = 300
µmy = 340 µm
!
PERXBIAS
size: x = 382
µmy = 375 µm
!
3.3 V ±10% supply voltage
!
622 Mb/s transmission speed
!
1 ns max. propagation delay
!
Power dissipation 23 mW at 3.3 V static without
PERXBIAS
!
Junction temperature –40 - 125°C
!
Output levels fully compatible with F100K PECL
Family
!
Power down mode
DESCRIPTION
The PECL_RX is a 3.3 V PECL differential line receiver
featuring an operating frequency up to 311 MHz (622 Mb/s)
and accepting standard F100K levels (referred to the positive
supply).
The PECL_RX accepts (750 mV) differential input signals and
translates them to CMOS output levels.
With the companion line driver (PECL_TX ) it can be used for
high speed applications.
The cell PECL_RX requires the PERXBIAS cell for biasing.
PERXBIAS can drive up to 3 PECL_RX cells. An external
voltage reference must be used.
The PECL_RX can be set in power down mode.
PROCESS
C35B3 (0.35um)


Similar Part No. - PECL_RX

ManufacturerPart #DatasheetDescription
logo
Rhombus Industries Inc.
PECL3-0.5 RHOMBUS-IND-PECL3-0.5 Datasheet
21Kb / 1P
ECL Logic 3-Bit Programmable Delay Modules
PECL3-0.5 RHOMBUS-IND-PECL3-0.5 Datasheet
29Kb / 1P
3-Bit Programmable Delay Modules
PECL3-0.5 RHOMBUS-IND-PECL3-0.5_1 Datasheet
29Kb / 1P
3-Bit Programmable Delay Modules
PECL3-0.75 RHOMBUS-IND-PECL3-0.75 Datasheet
21Kb / 1P
ECL Logic 3-Bit Programmable Delay Modules
PECL3-0.75 RHOMBUS-IND-PECL3-0.75 Datasheet
29Kb / 1P
3-Bit Programmable Delay Modules
More results

Similar Description - PECL_RX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TB5T1 TI-TB5T1 Datasheet
437Kb / 17P
DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
logo
List of Unclassifed Man...
AZ10LVEL16 ETC1-AZ10LVEL16 Datasheet
78Kb / 6P
ECL/PECL Differential Receiver
logo
Arizona Microtek, Inc
AZP96 AZM-AZP96 Datasheet
69Kb / 6P
ECL/PECL Differential Receiver
AZ10EL16 AZM-AZ10EL16 Datasheet
79Kb / 6P
ECL/PECL Differential Receiver
AZ10EP16 AZM-AZ10EP16 Datasheet
80Kb / 6P
ECL/PECL Differential Receiver
AZ10LVEL16 AZM-AZ10LVEL16 Datasheet
82Kb / 7P
ECL/PECL Differential Receiver
AZP96 AZM-AZP96_09 Datasheet
154Kb / 7P
ECL/PECL Differential Receiver
AZ100LVEL16 AZM-AZ100LVEL16_12 Datasheet
456Kb / 7P
PECL/ECL Differential Receiver
AZP96 AZM-AZP96_12 Datasheet
410Kb / 6P
PECL/ECL Differential Receiver
logo
Texas Instruments
TB5T1 TI1-TB5T1_14 Datasheet
1,003Kb / 22P
DUAL DIFFERENTIAL PECL DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com