Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECL_RX Datasheet(PDF) 4 Page - ams AG

Part # PECL_RX
Description  CMOS PECL Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PECL_RX Datasheet(HTML) 4 Page - ams AG

  PECL_RX Datasheet HTML 1Page - ams AG PECL_RX Datasheet HTML 2Page - ams AG PECL_RX Datasheet HTML 3Page - ams AG PECL_RX Datasheet HTML 4Page - ams AG PECL_RX Datasheet HTML 5Page - ams AG PECL_RX Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Datasheet: PECL_RX - C35
Revision B, 10.09.02
Page4of6
SYMBOL OF PECL_RX
XPD
VINP
VINN
VOUTP
VOUTN
High
High
Low
High
Low
High
Low
High
Low
High
Low
X
X
High
Low
PIN LIST OF PECL_RX
Pin
Description
Type
VDDPECL
Positive Supply for PECL
Receiver
Supply
VDDA
Positive Supply
Supply
VDDCMOS
Positive Supply for CMOS
Output Buffer
Supply
VSSPECL
Negative Supply
Supply
VSSCMOS
Negative Supply
Supply
IREFP
Bias Current
Analog
IREFN
Bias Current
Analog
VMID
Voltage Reference
Analog
XPD
Power Down
Digital
SIM
Test Pin
Digital
VINP
Positive Input
Analog
VINN
Negative Input
Analog
VOUTP
Pos. PECL Output
Digital
VOUTN
Neg. PECL Output
Digital
SYMBOL OF PERXBIAS
PIN LIST OF PERXBIAS
Pin
Description
Type
VDDA
Positive Supply
Supply
VSSA
Negative Supply
Supply
IREFP1
Bias Current
Analog
IREFP2
Bias Current
Analog
IREFP3
Bias Current
Analog
IREFN1
Bias Current
Analog
IREFN2
Bias Current
Analog
IREFN3
Bias Current
Analog
VMID
Voltage Reference
Analog
XSIM
Test Pin
Digital
VREF
External Reference
Voltage
Analog
THEORY OF OPERATION
The PECL_RX is a differential line receiver which accepts low
voltage input signals according to F100K standard.
The input signal lines must be 50
Ω transmission lines. At the
receiver input each signal has to be terminated to the voltage level
VT (where VT = VDDPECL – 2 V) with an external termination
resistor of 50
Ω, but also other termination schemes are possible.
The cell PECL_RX can be set in power down mode. It requires the
PERXBIAS cell for biasing. PERXBIAS can drive up to 3
PECL_RX cells. An external voltage reference must be used.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com