Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PECL_RX Datasheet(PDF) 3 Page - ams AG

Part # PECL_RX
Description  CMOS PECL Receiver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

PECL_RX Datasheet(HTML) 3 Page - ams AG

  PECL_RX Datasheet HTML 1Page - ams AG PECL_RX Datasheet HTML 2Page - ams AG PECL_RX Datasheet HTML 3Page - ams AG PECL_RX Datasheet HTML 4Page - ams AG PECL_RX Datasheet HTML 5Page - ams AG PECL_RX Datasheet HTML 6Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Datasheet: PECL_RX - C35
Revision B, 10.09.02
Page3of6
TECHNICAL DATA FOR PERXBIAS
(Tjunction =
−40 to 125 °C, VDDA = +3.0 Vto+3.6 V, XSIM = High, unless otherwise specified)
POWER REQUIREMENTS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ICC
DC Current Consumption
1.2
2
mA
Pdiss
Power Consumption
4
7.2
mW
REFERENCE CHARACTERISTICS
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VREF
Reference Voltage
1.20
1.22
1.24
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com