Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN68652 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # SCN68652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68652 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button SCN68652 Datasheet HTML 9Page - NXP Semiconductors SCN68652 Datasheet HTML 10Page - NXP Semiconductors SCN68652 Datasheet HTML 11Page - NXP Semiconductors SCN68652 Datasheet HTML 12Page - NXP Semiconductors SCN68652 Datasheet HTML 13Page - NXP Semiconductors SCN68652 Datasheet HTML 14Page - NXP Semiconductors SCN68652 Datasheet HTML 15Page - NXP Semiconductors SCN68652 Datasheet HTML 16Page - NXP Semiconductors SCN68652 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
13
Table 4.
MPCC Register Addressing
A2
A1
A0
REGISTER
Byte = 0
(16-Bit Data Bus = DB15 – DB00)
0
0
X
RDSR
0
1
X
TDSR
1
0
X
PCSAR
1
1
X
PCR*
Byte = 1
(8-Bit Data Bus = DB7–0 or DB15–8**)
0
0
0
RDSRL
0
0
1
RDSRH
0
1
0
TDSRL
0
1
1
TDSRH
1
0
0
PCSARL
1
0
1
PCSARH
1
1
0
PCRL*
1
1
1
PCRH
NOTES:
* PCR lower byte does not exist. It will be all “0”s when read.
** Corresponding high and low order pins must be tied together.
Table 5.
Parameter Control Register (PCR)–(R/W)
BIT
NAME
MODE
FUNCTION
00–07
Not Defined
08–10
RxCL
BOP/BCP
Receiver character length is loaded by the processor when RxCLE = 0. The character length is
valid after transmission of single byte address and control fields have been received.
10
9
8
Char length (bits)
00
0
8
00
1
1
01
0
2
01
1
3
10
0
4
10
1
5
11
0
6
11
1
7
11
RxCLE
BOP/BCP
Receiver character length enable should be zero when the processor loads RxCL. The
remaining bits of PCR are not affected during loading. Always 0 when read.
12
TxCLE
BOP/BCP
Transmitter character length enable should be zero when the processor loads TxCL. The
remaining bits of PCR are not affected during loading. Always 0 when read.
13–15
TxCL
BOP/BCP
Transmitter character length is loaded by the processor when TxCLe = 0. Character bit length
specification format is identical to RxCL. It is valid after transmission of single byte address and
control fields.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com