Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN68652 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SCN68652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68652 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SCN68652 Datasheet HTML 12Page - NXP Semiconductors SCN68652 Datasheet HTML 13Page - NXP Semiconductors SCN68652 Datasheet HTML 14Page - NXP Semiconductors SCN68652 Datasheet HTML 15Page - NXP Semiconductors SCN68652 Datasheet HTML 16Page - NXP Semiconductors SCN68652 Datasheet HTML 17Page - NXP Semiconductors SCN68652 Datasheet HTML 18Page - NXP Semiconductors SCN68652 Datasheet HTML 19Page - NXP Semiconductors SCN68652 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
1995 May 01
16
Table 8.
Receiver Data/Status Register (RDSR)–(Read Only)
BIT
NAME
MODE
FUNCTION
00–07
RxDB
BOP/BCP
Receiver data buffer. Contains assembled characters from the RxSR. If VRC is specified, the
parity bit is stripped.
08
RSOM
BOP
Receiver start of message = 1 when a FLAG followed by a non-FLAG has been received and
the latter character matches the secondary station if SAM = 1. RxA will be asserted when
RSOM = 1. RSOM resets itself after one character time and has no affect on RxSA.
09
REOM
BOP
Receiver end of message = 1 when the closing FLAG is detected and the last data character
is loaded into RxDB or when an ABORT/GA character is received. REOM is cleared on
reading RDSRH, reset operation, or dropping of RxE.
10
RAB/GA
BOP
Received ABORT or GA character = 1 when the receiver senses an ABORT character if
SS/GA = 0 or a GA character if SS/GA = 1. RAB/GA is cleared on reading RDSRH, reset
operation, or dropping of RxE. A received abort does not set RxDA.
11
ROR
BOP/BCP
Receiver overrun = 1 indicates the processor has not read last character in the RxDB within
one character time + 1/2 RxC period after RxDA is asserted. Subsequent characters will be
lost. ROR is cleared on reading RDSRH, reset operation, or dropping of RxE.
12–14
ABC
BOP
Assembled bit count. Specifies the number of bits in the last received data character of a
message and should be examined by the processor when REOM = 1(RxDA and RxSA
asserted). ABC = 0 indicates the message was terminated (by a flag or GA) on a character
boundary as specified by PCR8–10. Otherwise, ABC = number of bits in the last data
character. ABC is cleared when RDSRH is read, reset operation, or dropping RxE. The
residual character is right justified inRDSRL.
15
RERR
BOP/BCP
Receiver error indicator should be examined by the processor when REOm = 1 in BOP, or
when the processor determines the last data character of the message in BCP with CRC or
when RxSA is set in BCP with VRC.
CRC–CCITT preset to 1’s/0’s as specified by PCSAR8–10:
RERR = 1 indicates FCS error (CRC
≠ F0B8 or ≠ 0)
RERR = 0 indicates FCS received correctly (CRC = F0B8 or = 0)
CRC–16 preset to 0’s on 8-bit characters specified by PSCAR8–10:
RERR = 1 indicates CRC–16 received correctly (CRC = 0).
RERR = 0 indicates CRC–16 error (CRC
≠0)
VRC specified by PCSAR8–10:
RERR = 1 indicates VRC error
RERR = 0 indicates VRC is correct.
DC ELECTRICAL CHARACTERISTICS1, 2
PARAMETER
TEST CONDITIONS
LIMITS
UNIT
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
Input voltage
VIL
Low
0.8
V
VIH
High
2.0
Output voltage
VOL
Low
IOL = 1.6mA
0.4
V
VOH
High
IOH = –100µA
2.4
ICC
Power supply current
VCC = 5.25V, TA = 0°C
150
mA
Leakage current
IIL
Input
VIN = 0 to 5.25V
10
µA
IOL
Output
VOUT = 0 to 5.25V
10
Capacitance
CIN
Input
VIN = 0V, f = 1MHz
20
pF
COUT
Output
VOUT = 0V, f = 1MHz
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com