Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCN68652 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SCN68652
Description  Multi-protocol communications controller (MPCC)
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SCN68652 Datasheet(HTML) 2 Page - NXP Semiconductors

  SCN68652 Datasheet HTML 1Page - NXP Semiconductors SCN68652 Datasheet HTML 2Page - NXP Semiconductors SCN68652 Datasheet HTML 3Page - NXP Semiconductors SCN68652 Datasheet HTML 4Page - NXP Semiconductors SCN68652 Datasheet HTML 5Page - NXP Semiconductors SCN68652 Datasheet HTML 6Page - NXP Semiconductors SCN68652 Datasheet HTML 7Page - NXP Semiconductors SCN68652 Datasheet HTML 8Page - NXP Semiconductors SCN68652 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
Philips Semiconductors
Product specification
SCN2652/SCN68652
Multi-protocol communications controller (MPCC)
2
1995 May 01
853-1068 15179
DESCRIPTION
The SCN2652/68652 Multi-Protocol Communications Controller
(MPCC) is a monolithic n-channel MOS LSI circuit that formats,
transmits and receives synchronous serial data while supporting
bit-oriented or byte control protocols. The chip is TTL compatible,
operates from a single +5V supply, and can interface to a processor
with an 8 or 16-bit bidirectional data bus.
APPLICATIONS
• Intelligent terminals
• Line controllers
• Network processors
• Front end communications
• Remote data concentrators
• Communication test equipment
• Computer to computer links
FEATURES
• DC to 2Mbps data rate
• Bit-oriented protocols (BOP): SDLC, ADCCP, HDLC
• Byte-control protocols (BCP): DDCMP, BISYNC (external CRC)
• Programmable operation
– 8 or 16-bit tri-state data bus
– Error control – CRC or VRC or none
– Character length – 1 to 8 bits for BOP or 5 to 8 bits for BCP
– SYNC or secondary station address comparison for BCP-BOP
– Idle transmission of SYNC/FLAG or MARK for BCP-BOP
• Automatic detection and generation of special BOP control
sequences, i.e., FLAG, ABORT, GA
• Zero insertion and deletion for BOP
• Short character detection for last BOP data character
• SYNC generation, detection, and stripping for BCP
• Maintenance mode for self-testing
• TTL compatible
• Single +5V supply
PIN CONFIGURATION
Pin Function
Pin Function
1NC
23 NC
2CE
24 A0
3
RxC
25 BYTE
4
RxSI
26 DBEN
5
S/F
27 DB07
6
RxA
28 DB06
7
RxDA
29 DB05
8
RxSA
30 DB04
9
RxE
31 DB03
10 GND
32 DB02
11
DB08
33 DB01
12 NC
34 NC
13 DB09
35 DB00
14 DB10
36 VCC
15 DB11
37 RESET
16 DB12
38 TxA
17 DB13
39 TxBE
18 DB14
40 TxU
19 DB15
41 TxE
20 R/W
42 TxSQ
21 A2
43 TxC
22 A1
44 MM
1
39
17
28
40
29
18
7
PLCC
6
TOP VIEW
INDEX
CORNER
NOTE: DB00 is least significant bit, highest number
(that is, DB15, A2) is most significant bit.
24
23
22
21
20
19
18
17
16
15
28
27
12
10
11
9
8
7
6
5
4
3
2
1
14
13
26
25
29
30
31
32
33
34
35
36
37
38
39
40
CE
RxC
RxSI
S/F
RxA
RxDA
RxSA
RxE
GND
DB08
DB09
DB10
DB11
DB12
DB13
DB14
DB15
R/W
A2
A1
A0
BYTE
DBEN
DB07
DB06
DB05
DB04
DB03
DB02
DB01
DB00
VCC
RESET
TxA
TxBE
TxU
TxE
TxSQ
TxC
MM
DIP
TOP VIEW
SD00057
Figure 1. Pin Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com