Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGS-R9812GP Datasheet(PDF) 1 Page - ORing Industrial Networking Corp

Part # IGS-R9812GP
Description  Industrial Layer-3 20-port managed Gigabit Ethernet switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-R9812GP Datasheet(HTML) 1 Page - ORing Industrial Networking Corp

  IGS-R9812GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1-187
1-187
Designed for Rugged Excellence
Industrial Layer-3 20-port managed Gigabit Ethernet switch
with 8x10/100/1000Base-T(X) ports and 12x100/1000Base-X,
SFP socket
IGS-R9812GP
▪
Supports Layer 3 routing, RIP and static routing function
▪
Supports O-Ring (recovery time < 30ms over 250 units of connection) and
MSTP(RSTP/STP compatible) for Ethernet Redundancy
▪
O-Chain allow multiple redundant network rings
▪
Supports standard IEC 62439-2 MRP*NOTE (Media Redundancy Protocol) function
▪
Supports IEEE 1588v2 clock synchronization
▪
Supports IPV6 new internet protocol version
▪
Supports Modbus TCP protocol
▪
Supports IEEE 802.3az Energy-Efficient Ethernet technology
▪
Provided HTTPS/SSH protocol to enhance network security
▪
Supports SMTP client and NTP server protocol
▪
Supports IP-based bandwidth management
▪
Supports application-based QoS management
▪
Supports Device Binding security function
▪
Supports DOS/DDOS auto prevention
▪
IGMP v2/v3 (IGMP snooping support) for filtering multicast traffic
▪
Supports SNMP v1/v2c/v3 & RMON & 802.1Q VLAN Network Management
▪
Supports ACL, TACACS+ and 802.1x User Authentication for security
▪
Supports 9.6K Bytes Jumbo Frame
▪
Supports backup unit device DBU-01 for quickly backup/restore
configuration
▪
Multiple notification for warning of unexpected event
▪
Web-based ,Telnet, Console (CLI), and Windows utility (Open-Vision) configuration
▪
Supports LLDP Protocol
▪
Rigid IP-30 housing design
▪
DIN-Rail and wall mounting enabled
IGS-R9812GP is Layer-3 managed redundant ring Ethernet switch with 8x10/100/1000Base-T(X) ports and 12x100/1000Base-X SFP ports. The IGPS-
R9812GP supports Layer-3 routing for better network performance on large-scale LANs into multiple subnets to support long-haul and EMI immunity
communications. The hardware Layer-3 switch is optimized to transmit data as fast as Layer-2 switches. With completely support of Ethernet Redundancy
protocol, O-Ring (recovery time < 30ms over 250 units of connection) and MSTP (RSTP/STP compatible) can protect your mission-critical applications from
network interruptions or temporary malfunctions with its fast recovery technology. And support wide operating temperature from -40 to 75
oC. IGS-R9812GP
can also be managed centralized and convenient by Open-Vision, as well as the Web-based interface, Telnet and console (CLI) configuration. Therefore, the
switch is one of the most reliable choice for highly-managed and Fiber Ethernet power substation and rolling stock application.
▪
O-Ring : O-Ring is ORing's proprietary redundant ring technology, with recovery time of less 30 milliseconds and up to 250 nodes. The O-Ring r
edundant ring technology can protect mission-critical application from network interruptions or temporary malfunction with its fast recover
technology.
Features
Introduction
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Oct, 2014
IGS-R9812GP
*NOTE: This function is available by request only


Similar Part No. - IGS-R9812GP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGS-1041GPA ORING-IGS-1041GPA Datasheet
814Kb / 3P
Industrial 5-port slim type unmanaged Gigabit Ethernet switch
IGS-1042GPA ORING-IGS-1042GPA Datasheet
1Mb / 3P
Industrial 6-port slim type unmanaged Gigabit Ethernet switch
IGS-1050A ORING-IGS-1050A Datasheet
814Kb / 3P
Industrial 5-port slim type unmanaged Gigabit Ethernet switch
IGS-1080A ORING-IGS-1080A Datasheet
825Kb / 3P
Industrial 8-port slim type unmanaged Gigabit Ethernet switch
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
Industrial 10-port unmanaged Gigabit Ethernet switch
More results

Similar Description - IGS-R9812GP

ManufacturerPart #DatasheetDescription
logo
ORing Industrial Networ...
IGPS-R9084GP ORING-IGPS-R9084GP Datasheet
1Mb / 6P
Industrial Layer-3 12-port managed Gigabit PoE Ethernet switch
IGS-3044GC ORING-IGS-3044GC Datasheet
1Mb / 4P
Industrial 8-port managed Gigabit Ethernet switch
IGS-9084GP ORING-IGS-9084GP Datasheet
4Mb / 5P
Industrial 12-port managed Gigabit Ethernet switch
IGS-9164GF ORING-IGS-9164GF Datasheet
2Mb / 6P
Industrial 20-port managed Gigabit Ethernet switch
IGS-9168GP ORING-IGS-9168GP Datasheet
2Mb / 5P
Industrial 24-port managed Gigabit Ethernet switch
IGS-9812GP ORING-IGS-9812GP Datasheet
2Mb / 5P
Industrial 20-port managed Gigabit Ethernet switch
IGS-P9164 ORING-IGS-P9164 Datasheet
2Mb / 7P
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
IGS-P9812GP ORING-IGS-P9812GP Datasheet
2Mb / 5P
Industrial IEC 61850-3 20-port managed Gigabit Ethernet switch
RGPS-R9244GP ORING-RGPS-R9244GP Datasheet
2Mb / 6P
Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch
TGS-9200-M12 ORING-TGS-9200-M12 Datasheet
4Mb / 7P
20-port managed Gigabit Ethernet switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com