Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGS-R9812GP Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # IGS-R9812GP
Description  Industrial Layer-3 20-port managed Gigabit Ethernet switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-R9812GP Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  IGS-R9812GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
1-191
1-191
Designed for Rugged Excellence
Network Redundancy
O-Ring O-Chain
MRP*NOTE Fast Recovery MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in RJ45 connector with console cable. 115200bps, 8, N, 1
LED Indicators
Power Indicator(PWR)
Green : Power LED x 3
Ring Master Indicator (R.M.)
Green : Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator (Ring)
Green : Indicates that the system operating in O-Ring mode
Green Blinking : Indicates that the Ring is broken.
Fault Indicator(Fault)
Amber : Indicate unexpected event occurred
10/100/1000Base-T(X) RJ45 Port Indicator
Green for Link/Act indicator
Dual color LED for speed indicator : Green for 1000Mbps, Amber for 100Mbps, Off-light for 10Mbps
100/1000Base-X SFP port Indicator
Green for port Link/Act.
Fault Contact
Relay
Relay output to carry capacity of 1A at 24VDC
Power
Redundant Input Power
Dual DC inputs. 12~48 VDC on 6-pin terminal block
Power Consumption (Typ.)
23 Watts
Overload Current Protection
Present
Reverse Polarity Protection
Present
Physical Characteristics
Enclosure
IP-30
Dimensions (W x D x H)
96.4 x 145.5 x 154 mm (3.8 x 5.73 x 6.06 inch)
Weight (g)
1520 g
Environmental
Storage Temperature
-40 to 85°C (-40 to 185°F)
Operating Temperature
-40 to 75°C (-40 to 167°F)
Operating Humidity
5% to 95% Non-condensing
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD), EN61000-4-3 (RS), EN61000-4-4 (EFT), EN61000-4-5 (Surge), EN61000-4-6 (CS), EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free Fall
IEC60068-2-31
Vibration
IEC60068-2-6
Safety
EN60950-1
Warranty
5years
Available
Model
Model Name
Description
IGS-R9812GP
Industrial Layer-3 20-port managed Gigabit Ethernet switch with 8x10/100/1000Base-T(X) and 12x100/1000Base-X, SFP
socket
Packing List
‧
IGS-R9812GP
‧
DIN-Rail Kit
‧
Wall-mount Kit
‧
Console Cable
‧
ORing Tool CD
‧
Quick Installation Guide
Optional Accessories (Can be purchased separately)
‧
Open-Vision M500, Powerful Network Management Windows Utility Suite, 500 IP devices
‧
SFP100 series, 100Mbps SFP optical transceiver
‧
SFP1G series, 1Gbps SFP optical transceiver
‧
DR-45 series, 45W DIN-Rail power supply
‧
DR-75 series, 75W DIN-Rail power supply
‧
DR-120 series, 120W DIN-Rail power supply
IGS-R9 A BB CC
Ordering Information
Code Definition
10/100/1000Base-T(X) Port Number
100/1000Base-(F)X SFP Port Number
Additional Port Type
Option
- 08: 8 ports
- 12: 12 ports
-GP: Gigabit SFP ports
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
v1.0a Oct, 2014
*NOTE: This function is available by request only



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com