Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IGS-R9812GP Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # IGS-R9812GP
Description  Industrial Layer-3 20-port managed Gigabit Ethernet switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

IGS-R9812GP Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  IGS-R9812GP Datasheet HTML 1Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 2Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 3Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 4Page - ORing Industrial Networking Corp IGS-R9812GP Datasheet HTML 5Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
www.oring-networking.com
1-190
v1.0a Oct, 2014
Industrial Ethernet Switch DIN-Rail Managed Gigabit Ethernet Switch
ORing Switch Model
IGS-R9812GP
Physical Ports
10/100/1000Base-T(X) Ports in RJ45 Auto MDI/MDIX
8
100/1000Base-X with SFP port
12
Technology
Ethernet Standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3ab for 1000Base-T
IEEE 802.z for 1000Base-X
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
MAC Table
8K
Packet Buffer
32Mbits
Flash Memory
28Mbits
DRAM Size
1Gbits
Priority Queues
8
Processing
Store-and-Forward
Switch Properties
Switching latency: 7 us
Switching bandwidth: 40Gbps
Max. Number of Available VLANs: 4095
VLAN ID Range : 1 to 4094
IGMP multicast groups: 128 for each VLAN
Port rate limiting: User Define
Jumbo frame
Up to 9.6K Bytes
Specifications
Security Features
Device Binding security feature
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
Single 802.1x and Multiple 802.1x
MAC-based authentication
QoS assignment
Guest VLAN
MAC address limit
TACACS+
VLAN (802.1Q ) to segregate and secure network traffic
Radius centralized password management
SNMPv3 encrypted authentication and access security
Web and CLI authentication and authorization
Authorization (15 levels)
IP source guard
Https / SSH enhance network security
Software Features
Hardware routing, RIP and static routing
IEEE 1588v2 clock synchronization
IEEE 802.1D Bridge, auto MAC address learning/aging and MAC address (static)
Multiple Registration Protocol (MRP)
RSTP/MSTP (IEEE 802.1w/s)
Redundant Ring (O-Ring) with recovery time less than 30ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging
Voice VLAN
IGMP v2/v3 Snooping
IP-based bandwidth management
Application-based QoS management
DOS/DDOS auto prevention
Port configuration, status, statistics, monitoring, security
DHCP Server/Client/snooping
DHCP Relay
Modbus TCP
ARP inspection
SMTP Client
NTP Server



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com