Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPS-R9244GP Datasheet(PDF) 4 Page - ORing Industrial Networking Corp

Part # RGPS-R9244GP
Description  Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGPS-R9244GP Datasheet(HTML) 4 Page - ORing Industrial Networking Corp

  RGPS-R9244GP Datasheet HTML 1Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 2Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 3Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 4Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 5Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1-305
1-305
Designed for Rugged Excellence
Dimensions
(Unit=mm)
Specifications
ORing Switch Model
RGPS-R92244GP+-P
Physical Ports
10/100/1000Base-T(X) with P.S.E. Ports in RJ45 Auto
MDI/MDIX
24
1G/10GBase-X with SFP+ port
4
Technology
Ethernet standards
IEEE 802.3 for 10Base-T
IEEE 802.3u for 100Base-TX and 100Base-FX
IEEE 802.3ab for 1000Base-T
IEEE 802.z for 1000Base-X
IEEE 802.3ae for 10Gigabit Ethernet
IEEE 802.3x for Flow control
IEEE 802.3ad for LACP (Link Aggregation Control Protocol )
IEEE 802.1p for COS (Class of Service)
IEEE 802.1Q for VLAN Tagging
IEEE 802.1w for RSTP (Rapid Spanning Tree Protocol)
IEEE 802.1s for MSTP (Multiple Spanning Tree Protocol)
IEEE 802.1x for Authentication
IEEE 802.1AB for LLDP (Link Layer Discovery Protocol)
IEEE 802.3at PoE specification (up to 30 Watts per port for P.S.E.)
-20 ~ 55
oC : PoE output 720W Max.
55 ~ 60
oC : PoE output 360W Max.
MAC table
8K
Priority queues
8
Processing
Store-and-Forward
Industrial Ethernet Switch C1D2 DIN-Rail Unmanaged Ethernet Switch
v1.1a/ Apr, 2014



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com