Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPS-R9244GP Datasheet(PDF) 6 Page - ORing Industrial Networking Corp

Part # RGPS-R9244GP
Description  Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGPS-R9244GP Datasheet(HTML) 6 Page - ORing Industrial Networking Corp

  RGPS-R9244GP Datasheet HTML 1Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 2Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 3Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 4Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 5Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
1-307
1-307
Designed for Rugged Excellence
Physical Characteristics
Enclosure
19 inches rack-mountable
Dimensions (W x D x H)
431 (W) x 342 (D) x 44 (H) mm (16.97 x 13.47 x 1.73 inch)
Weight (g)
6520 g
Environmental
Storage temperature
-40 to 85°C (-40 to 185°F)
Operating temperature
-20 to 60°C (-4 to 140°F)
Operating humidity
5% to 95% Non-condensing
Available
Model
Model Name
Description
RGPS-R9244GP+-P_US
Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch with 24x10/100/1000Base-T(X) P.S.E. and
4x1G/10GBase-X, SFP+ socket, high watts power supply included, US power cord
RGPS-R9244GP+-P_EU
Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch with 24x10/100/1000Base-T(X) P.S.E. and
4x1G/10GBase-X, SFP+ socket, high watts power supply included, EU power cord
RGPS-R9244GP+-P_UK
Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch with 24x10/100/1000Base-T(X) P.S.E. and
4x1G/10GBase-X, SFP+ socket, high watts power supply included, UK power cord
RGPS-R9244GP+-P_JP
Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch with 24x10/100/1000Base-T(X) P.S.E. and
4x1G/10GBase-X, SFP+ socket, high watts power supply included, JP power cord
Packing List
‧
RGPS-R9244GP+-P
‧
Rack-Mount Kit
‧
Power Cable
‧
ORing Tool CD
‧
Quick Installation Guide
‧
Console Cable
Optional Accessories (Can be purchased separately)
‧
Open-Vision M500, Powerful Network Management Windows Utility Suite, 500 IP devices
‧
SFP1G series, 1Gbps SFP optical transceiver
‧
SFP10G series : 10GMbps SFP optical transceiver
RGPS-R9 AA B CCC- P
Ordering Information
Code Definition 10/100/1000Base-T(X) P.S.E.
Port Number
Additional Port Number
Additional Port Type
Option
- 24: 24 ports
- 4: 4 ports
-GP+: 1G / 10GBase-X, SFP+ socket
Regulatory Approvals
EMI
FCC Part 15, CISPR (EN55022) class A
EMS
EN61000-4-2 (ESD)
EN61000-4-3 (RS),
EN61000-4-4 (EFT),
EN61000-4-5 (Surge),
EN61000-4-6 (CS),
EN61000-4-8,
EN61000-4-11
Shock
IEC60068-2-27
Free fall
IEC60068-2-32
Vibration
IEC60068-2-6
Warranty
5 years
Industrial Ethernet Switch C1D2 DIN-Rail Unmanaged Ethernet Switch
v1.1a/ Apr, 2014



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com