Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RGPS-R9244GP Datasheet(PDF) 5 Page - ORing Industrial Networking Corp

Part # RGPS-R9244GP
Description  Industrial Layer-3 28-port managed Gigabit PoE Ethernet switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ORING [ORing Industrial Networking Corp]
Direct Link  http://www.oringnet.com/
Logo ORING - ORing Industrial Networking Corp

RGPS-R9244GP Datasheet(HTML) 5 Page - ORing Industrial Networking Corp

  RGPS-R9244GP Datasheet HTML 1Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 2Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 3Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 4Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 5Page - ORing Industrial Networking Corp RGPS-R9244GP Datasheet HTML 6Page - ORing Industrial Networking Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
1
www.oring-networking.com
1-306
Switch properties
Switching latency : 7 μs
Switching bandwidth : 52Gbps
Max. Number of Available VLANs : 4095
VLAN ID Range : 1 to 4094
IGMP multicast groups : 256 for each VLAN
Port rate limiting : User Define
Jumbo frame
Up to 9.6K Bytes
Security features
Device Binding security feature
Enable/disable ports, MAC based port security
Port based network access control (802.1x)
Single 802.1x and Multiple 802.1x
MAC-based authentication
QoS assignment
Guest VLAN
MAC address limit
TACACS+
VLAN (802.1Q ) to segregate and secure network traffic
Radius centralized password management
SNMPv3 encrypted authentication and access security
Https / SSH enhance network security
Web and CLI authentication and authorization
Authorization (15 levels)
IP source guard
Software features
Hardware routing, RIP and static routing
IEEE 1588v2 clock synchronization
IEEE 802.1D Bridge, auto MAC address learning/aging and MAC address (static)
Multiple Registration Protocol (MRP)
MSTP (RSTP/STP compatible)
Redundant Ring (O-Ring) with recovery time less than 30ms over 250 units
TOS/Diffserv supported
Quality of Service (802.1p) for real-time traffic
VLAN (802.1Q) with VLAN tagging
IGMP v2/v3 Snooping
IP-based bandwidth management
Application-based QoS management
DOS/DDOS auto prevention
Port configuration, status, statistics, monitoring, security
DHCP Server/Client
DHCP Relay
Modbus TCP
SMTP Client
Network redundancy
O-Ring
O-Chain
MRP*NOTE
MSTP (RSTP/STP compatible)
RS-232 Serial Console Port
RS-232 in DB-9 connector with console cable. 115200bps, 8, N, 1
LED Indicators
Power indicator (PWR)
Green : Power indicator
Ring master indicator (R.M.)
Green : Indicates that the system is operating in O-Ring Master mode
O-Ring Indicator (Ring)
Green : Indicates that the system operating in O-Ring mode
Green Blinking : Indicates that the Ring is broken.
Fault Indicator (Fault)
Amber : Indicate unexpected event occurred
10/100/1000Base-T(X) RJ45 Port Indicator
Dual color LED for Speed/Link/Act indicator ~
Green : 1000Mbps Link/Act
Amber : 10/100Mbps Link/Act
100/1000Base-X SFP Port Indicator
Green for port Link/Act.
PoE Indicator
Green : PoE enabled LED x 24
Fault contact
Relay
None
Power
Input power
100~240VAC with power socket
Power supply
1000 Watts power supply included
Power consumption (Typ.)
37 Watts (P.D. not included)
Overload current protection
Present
Reverse Polarity Protection
Not Present
Industrial Ethernet Switch Rack-Mount Managed Gigabit PoE Ethernet Switch
v1.1a/ Apr, 2014
*NOTE: This function is available by request only



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com