Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5200 Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SC5200
Description  Silicon NPN Triple Diffused Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SC5200 Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SC5200 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
R
2SC5200 SERIES
版本:201603A
2/8
绝对最大额定值
ABSOLUTE RATINGS (Tc=25℃ unless otherwise noted)
电特性 ELECTRICAL CHARACTERISTIC
热特性 THERMAL CHARACTERISTIC
项
目
Parameter
符
号
Symbo
最小值
min
最大值
max
单
位
Unit
2SC5200
2SC5200A
结到管壳的热阻 Thermal Resistance Junction Case TO-3PB
Rth(j-c)
-
1.042
℃/W
结到管壳的热阻 Thermal Resistance Junction Case TO-3PL(T)
Rth(j-c)
-
0.781
℃/W
2SC5200B
2SC5200C
结到管壳的热阻 Thermal Resistance Junction Case TO-3PB
Rth(j-c)
-
0.83
℃/W
结到管壳的热阻 Thermal Resistance Junction Case TO-3PL(T)
Rth(j-c)
-
0.625
℃/W
项
目
Parameter
符
号
Symbol
数
值 Value
单
位
Unit
-
A
B
C
集电极—基极直流电压
Collector- Base Voltage
VCBO
230
230
350
350
V
集电极—发射极直流电压 Collector- Emitter Voltage
VCEO
230
230
250
250
V
发射极—基极直流电压
Emitter-Base Voltage
VEBO
5
V
最大集电极电流
Collector Current
IC
15
15
16
16
A
最大基极电流
Base Current
IB
1.5
1.6
A
最大集电极耗散功率 TO-3PB Collector Dissipation(Tc=25℃) PC
120
150
W
最大集电极耗散功率 TO-3PL Collector Dissipation(Tc=25℃)
PC
160
200
W
最高结温
Junction Temperature
Tj
150
℃
贮存温度
Storage Temperature
Tstg
-65~150
℃
项
目
Parameter
测试条件
Tests conditions
最小值 Value(min)
典型值
Value(typ)
最大值 Value(max)
单位
Unit
5200
A
B
C
5200
A
B
C
ICBO
VCB=230(300)V,IE=0
-
-
5.0@230V 5.0@300V
μA
IEBO
VEB=5V,IC=0
-
-
5.0
mA
V(BR)CEO
Ic=50mA,IB=0
230
250
-
-
V
hFE
VCE=5V,IC=0.5A
-
75
-
135
VCE=5V,IC=1.0A
80
75
-
160
135
-
VCE=5V,IC=3.0A
-
75
-
135
VCE=5V,IC=7.0A
35
-
-
-
-
VCE(sat)
IC=5.0A,IB=0.5A
-
-
1.0
V
IC=8.0A,IB=0.8A
-
-
3.0
-
V
VBE
VCE=5V,IC=7.0A
-
-
1.5
V
fT
VCE=5V, Ic=1.0A
10
30
10
30
-
-
MHz
COb
VCE=10V, IE =0,f=1MHz
-
145
-
pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com