Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5200 Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SC5200
Description  Silicon NPN Triple Diffused Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SC5200 Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SC5200 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
R
版本:201603A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0.1
1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1
特征曲线
ELECTRICAL
Saturation Voltage
Collector corrent I
Collector corrent I
Power Derating
Case temperature TC
Common emitter
IC/IB = 5
Single pulse test
Base-Emitter Voltage
Tc=100℃
Tc=100℃
Tc=25℃
2SC5200
10
100
10
100
1000
0.01
0.1
10
100
ELECTRICAL CHARACTERISTICS (2SC5200B curves)
Saturation Voltage
Collector corrent IC (A)
Collector corrent IC (A)
Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linear
with increase in temperature.
Safe Operating Area
TC=25℃ DC Operation
Power Derating
C(℃)
Common emitter
IC/IB = 5
Single pulse test
Emitter Voltage
DC Current Gain
Collector corrent I
Tc=25℃
Common emitter
VCE = 5 V Single pulse test
Tc=100℃
Tc=25℃
Infinite heat sink
Collector-emitter voltage V
C5200 SERIES
5/8
1
10
100
curves)
Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linear
with increase in temperature.
Safe Operating Area
DC Current Gain
Collector corrent IC (A)
= 5 V
Single pulse test
emitter voltage VCE (V)
1ms
10ms
100ms



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com