Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5200 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 2SC5200
Description  Silicon NPN Triple Diffused Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

2SC5200 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  2SC5200 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 2SC5200 Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
R
版本:201603A
1/8
NPN 三重扩散晶体管
Silicon NPN Triple Diffused Transistor
2SC5200 SERIES
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen
Free
封
装
Package
包
装
Packaging
器件重量
Weight
2SC5200-O-AL-N-D
2SC5200
否
NO
TO-3PL(T)
泡沫盒 Foam Box
9.53g(typ)
2SC5200-O-AL-N-B
2SC5200
否
NO
TO-3PL(T)
条管 Tube
9.53g(typ)
2SC5200-O-AB -N-B
2SC5200
否
NO
TO-3PB
条管 Tube
6.03g(typ)
2SC5200A-O-AL-N-D
2SC5200
否
NO
TO-3PL(T)
泡沫盒 Foam Box
9.53g(typ)
2SC5200A-O-AL-N-B
2SC5200
否
NO
TO-3PL(T)
条管 Tube
9.53g(typ)
2SC5200A-O-AB -N-B
2SC5200
否
NO
TO-3PB
条管 Tube
6.03g(typ)
2SC5200B -O-AL-N-B
2SC5200
否
NO
TO-3PL(T)
条管 Tube
9.53g(typ)
2SC5200B -O-AL-N-D
2SC5200
否
NO
TO-3PL(T)
泡沫盒 Foam Box
9.53g(typ)
2SC5200B-O-AB -N-B
2SC5200
否
NO
TO-3PB
条管 Tube
6.03g(typ)
2SC5200C -O-AL-N-B
2SC5200
否
NO
TO-3PL(T)
条管 Tube
9.53g(typ)
2SC5200C -O-AL-N-D
2SC5200
否
NO
TO-3PL(T)
泡沫盒 Foam Box
9.53g(typ)
2SC5200C-O-AB -N-B
2SC5200
否
NO
TO-3PB
条管 Tube
6.03g(typ)
封装 Package
TO-3PL(T)
TO-3PB
订货信息 ORDER MESSAGE
用途
应用于功率放大器
APPLICATIONS
Power Amplifier Applications
产品特性
高集电极电压:VCEO=230V (min)
VCEO=250V (min)
与 2SA1943 互补
推荐用于 100W 音响频率放大器输出电路
环保(RoHS)产品
FEATURES
High collector voltage:VCEO=230V (min)
VCEO=250V (min)
Complementary to 2SA1943
Recommended for 100W audio frequency
amplifier output
RoHS product
1
基极 BASE
3
发射极 EMITTER
2
集电极(热沉)COLLECTOR (HEAT SINK)


Similar Part No. - 2SC5200

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC5200 UTC-2SC5200 Datasheet
94Kb / 3P
POWER AMPLIFIER APPLICATIONS
logo
Fairchild Semiconductor
2SC5200 FAIRCHILD-2SC5200 Datasheet
205Kb / 6P
NPN Epitaxial Silicon Transistor
logo
Savantic, Inc.
2SC5200 SAVANTIC-2SC5200 Datasheet
229Kb / 4P
Silicon NPN Power Transistors
logo
Toshiba Semiconductor
2SC5200 TOSHIBA-2SC5200 Datasheet
127Kb / 4P
Power Amplifier Applications
logo
New Jersey Semi-Conduct...
2SC5200 NJSEMI-2SC5200 Datasheet
281Kb / 2P
POWER AMPLIFIER APPLICATION
More results

Similar Description - 2SC5200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SD1311 ETC-2SD1311 Datasheet
31Kb / 1P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
PMC-Sierra, Inc
H1061 PMC-H1061 Datasheet
151Kb / 1P
TRIPLE DIFFUSED SILICON NPN TRANSISTOR
logo
List of Unclassifed Man...
2SC2621 ETC1-2SC2621 Datasheet
299Kb / 8P
NPN TRIPLE DIFFUSED PLANAR SILICON TRANSISTOR
logo
Toshiba Semiconductor
2SD428 TOSHIBA-2SD428 Datasheet
108Kb / 4P
SILICON NPN TRIPLE DIFFUSED MESA TRANSISTOR
logo
Guangdong Kexin Industr...
2SC3496A KEXIN-2SC3496A Datasheet
40Kb / 1P
NPN Silicon Triple Diffused Transistor
2SC3588-Z KEXIN-2SC3588-Z Datasheet
40Kb / 1P
NPN Silicon Triple Diffused Transistor
2SC3405 KEXIN-2SC3405 Datasheet
43Kb / 1P
NPN Silicon Triple Diffused Transistor
logo
Sanken electric
2SC3856 SANKEN-2SC3856 Datasheet
34Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
Renesas Technology Corp
2SC3631-Z RENESAS-2SC3631-Z_15 Datasheet
753Kb / 6P
NPN SILICON TRIPLE DIFFUSED TRANSISTOR
logo
New Jersey Semi-Conduct...
2SC510 NJSEMI-2SC510 Datasheet
196Kb / 3P
SILICON NPN TRIPLE DIFFUSED TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com