Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 21 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 21 Page - Texas Instruments

Back Button TUSB1046AI-DCI Datasheet HTML 17Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 18Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 19Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 20Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 21Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 22Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 23Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 24Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
T
d_pg
VCC
Internal
Power
Good
T Cfg_su
TCfg_hd
DISABLED
USB3.1- only
FLIP = 0
If (( CTL[1:0 ] ==2'b 00 | CTL[1:0 ] ==2'b 01 ) & FLIP == 0 ) {
USB3.1- only no FLIP;
} ELSEIF((CTL[1:0 ] ==2'b 00 | CTL[1:0 ] ==2'b01 ) & FLIP == 1 ){
USB3.1- only with FLIP ;
} ELSEIF(CTL[1:0 ] ==2'b 10 & FLIP ==0 ) {
4-Lane DP no FLIP;
} ELSEIF(CTL[1:0 ] ==2'b 10 & FLIP ==1 ){
4-Lane DP with FLIP ;
} ELSEIF(CTL[1:0 ] ==2'b 11 & FLIP ==0 ) {
2-Lane DP USB3.1 no FLIP;
} ELSE{
2-Lane DP USB3.1 with FLIP ;
};
CTL[1:0 ] pins
FLIP pin
CFG pins
In GPIO mode
DISABLED
USB3.1- only
FLIP = 0
TUSB1046A-DCI
In I2C mode
Mode of operation
determined by value of
FLIPSEL bit and CTLSEL[1:0]
bits at offset0x0A. Default
is USB3.1- only no Flip.
Tctl_db
V
CC (min)
TUSB1046A-DCI
21
TUSB1046A-DCI
www.ti.com
SLLSF13 – JUNE 2017
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Following pins comprise CFG pins: I2C_EN, EQ[1:0], SSEQ[1:0], and DPEQ[1:0].
(2)
Recommend CFG pins are stable when VCC is at min.
8.4.6 Operation Timing – Power Up
Figure 18. Power-Up Timing
Table 8. Power-Up Timing(1)(2)
PARAMETER
MIN
MAX
UNIT
td_pg
VCC (minimum) to Internal Power Good asserted high
500
µs
tcfg_su
CFG(1) pins setup(2)
250
µs
tcfg_hd
CFG(1) pins hold
10
µs
tCTL_DB
CTL[1:0] and FLIP pin debounce
16
ms
tVCC_RAMP
VCC supply ramp requirement
100
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com