Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 4 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 4 Page - Texas Instruments

  TUSB1046AI-DCI Datasheet HTML 1Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 2Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 3Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 4Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 5Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 6Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 7Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 8Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
4
TUSB1046A-DCI
SLLSF13 – JUNE 2017
www.ti.com
Product Folder Links: TUSB1046A-DCI
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
SSTXp
8
Diff I
Differential positive input for USB3.1 upstream facing port.
SSTXn
7
Diff I
Differential negative input for USB3.1 upstream facing port.
SSRXp
5
Diff O
Differential positive output for USB3.1 upstream facing port.
SSRXn
4
Diff O
Differential negative output for USB3.1 upstream facing port.
EQ1
35
4 Level I
This pin along with EQ0 sets the USB receiver equalizer gain for downstream facing RX1 and RX2
when USB used.
EQ0
38
4 Level I
This pin along with EQ1 sets the USB receiver equalizer gain for downstream facing RX1 and RX2
when USB used.
CAD_SNK/ DCI_DAT
29
I/O
(PD)
When I2C_EN ! = 0, this pin functions as DCI data output Leave open if not used. When I2C_EN =
0 , this pin is CAD_SNK (L = AUX snoop enabled and H = AUX snoop disabled with all lanes active).
HPDIN/ DCI_CLK
32
I/O
(PD)
When I2C_EN ! = 0, this pin functions as DCI clock output Leave open if not used. When I2C_EN =
0, this pin is an input for Hot Plug Detect received from DisplayPort sink. When HPDIN is Low for
greater than 2ms, all DisplayPort lanes are disabled while the AUX to SBU switch will remain closed.
I2C_EN
17
4 Level I
I2C Programming Mode or GPIO Programming Select. I2C is only disabled when this pin is ‘0".
0 = GPIO mode (I2C disabled)
R = TI Test Mode (I2C enabled at 3.3 V)
F = I2C enabled at 1.8 V
1 = I2C enabled at 3.3 V.
SBU1
27
I/O, CMOS
SBU1. This pin should be DC coupled to the SBU1 pin on the Type-C receptacle. A 2-M ohm resistor
to GND is also recommended.
SBU2
26
I/O, CMOS
SBU2. This pin should be DC coupled to the SBU2 pin on the Type-C receptacle. A 2-M ohm resistor
to GND is also recommended.
AUXp
24
I/O, CMOS
AUXp. DisplayPort AUX positive I/O connected to the DisplayPort source through a AC coupling
capacitor. In addition to AC coupling capacitor, this pin also requires a 100K resistor to GND. This pin
along with AUXN is used by the TUSB1046A-DCI for AUX snooping and is routed to SBU1/2 based
on the orientation of the Type-C.
AUXn
25
I/O, CMOS
AUXn. DisplayPort AUX negative I/O connected to the DisplayPort source through a AC coupling
capacitor. In addition to AC coupling capacitor, this pin also requires a 100K resistor to DP_PWR
(3.3V). This pin along with AUXP is used by the TUSB1046A-DCI for AUX snooping and is routed to
SBU1/2 based on the orientation of the Type-C.
DPEQ1
2
4 Level I
DisplayPort Receiver EQ. This along with DPEQ0 will select the DisplayPort receiver equalization
gain.
DPEQ0/A1
14
4 Level I
DisplayPort Receiver EQ. This along with DPEQ1 will select the DisplayPort receiver equalization
gain. When I2C_EN is not ‘0’, this pin will also set the TUSB1046A-DCI I2C address.
SSEQ1
3
4 Level I
Along with SSEQ0, sets the USB receiver equalizer gain for upstream facing SSTXP/N.
SSEQ0/A0
11
4 Level I
Along with SSEQ1, sets the USB receiver equalizer gain for upstream facing SSTXP/N. When
I2C_EN is not ‘0’, this pin will also set the TUSB1046A-DCI I2C address.
FLIP/SCL
21
2 Level I
When I2C_EN=’0’ this is Flip control pin, otherwise this pin is I2C clock. . When used for I2C clock
pullup to I2C master's VCC I2C supply.
CTL0/SDA
22
2 Level I
When I2C_EN=’0’ this is a USB3.1 Switch control pin, otherwise this pin is I2C data. When used for
I2C data pullup to I2C master's VCC I2C supply.
CTL1/HPDIN
23
2 Level I
(Failsafe)
(PD)
DP Alt mode Switch Control Pin. When I2C_EN = ‘0’, this pin will enable or disable DisplayPort
functionality. Otherwise, when I2C_EN is not "0", DisplayPort functionality is enabled and disabled
through I2C registers.
L = DisplayPort Disabled.
H = DisplayPort Enabled.
When I2C_EN is not "0" this pin is an input for Hot Plug Detect received from DisplayPort sink. When
this HPDIN is Low for greater than 2 ms, all DisplayPort lanes are disabled and AUX to SBU switch
will remain closed.
VCC
1, 6, 20, 28
P
3.3-V Power Supply
GND
Thermal
Pad
G
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com