Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TUSB1046AI-DCI Datasheet(PDF) 1 Page - Texas Instruments

Part # TUSB1046AI-DCI
Description  USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB1046AI-DCI Datasheet(HTML) 1 Page - Texas Instruments

  TUSB1046AI-DCI Datasheet HTML 1Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 2Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 3Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 4Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 5Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 6Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 7Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 8Page - Texas Instruments TUSB1046AI-DCI Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
USB Host
GPU
TUSB1046A-DCI
PD Controller
D+/-
SSTX
SSRX
DP0
DP1
DP2
DP3
AUXp
AUXn
SBU1
SBU2
CC1
CC2
Control
HPD
CTL
FLIP 0 1
TX1
TX2
RX1
RX2
HPDIN
Copyright © 2017, Texas Instruments Incorporated
TUSB1046A-DCI
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TUSB1046A-DCI
SLLSF13 – JUNE 2017
TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver
Crosspoint Switch
1
1 Features
1
•
USB Type-C Crosspoint Switch Supporting
–
USB 3.1 SSP + 2 DisplayPort Lanes
–
4 DisplayPort Lanes
•
USB 3.1 Gen 1/Gen 2 up to 10 Gbps
•
DisplayPort 1.4 up to 8.1 Gbps (HBR3)
•
VESA® DisplayPort Alt Mode DFP Redriving
Crosspoint Switch Supporting C, D, E and F
Configurations
•
Ultra-Low-Power Architecture
•
Linear Redriver With up to 14 dB Equalization
•
Transparent to DisplayPort Link Training
•
Automatic LFPS De-Emphasis Control to Meet
USB 3.1 Certification Requirements
•
Configuration Through GPIO or I2C
•
Intel Proprietary DCI Capability on USB Type-C
for Closed Chassis Debugging
•
Hot-Plug Capable
•
Industrial Temperature Range: –40ºC to 85ºC
(TUSB1046AI-DCI)
•
Commercial Temperature Range: 0ºC to 70ºC
(TUSB1046-DCI)
•
4 mm x 6 mm, 0.4 mm Pitch WQFN Package
2 Applications
•
Tablets
•
Notebooks
•
Desktops
•
Docking Stations
3 Description
The TUSB1046A-DCI is a VESA USB Type-C™ Alt
Mode redriving switch supporting USB 3.1 data rates
up to 10 Gbps and DisplayPort 1.4 up to 8.1 Gbps for
downstream facing port (Host). The device is used for
configurations C, D, E, and F from the VESA
DisplayPort Alt Mode on USB Type-C Standard
Version 1.1. This protocol-agnostic linear redriver is
also capable of supporting other USB Type-C Alt
Mode interfaces.
The TUSB1046A-DCI provides several levels of
receive linear equalization to compensate for inter-
symbol interference (ISI) due to cable and board
trace loss. The device operates on a single 3.3-V
supply and comes in a commercial temperature range
and industrial temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TUSB1046A-DCI
WQFN (40)
4.00 mm x 6.00 mm
TUSB1046AI-DCI
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Simplified Schematics
TUSB1046A-DCI Eye Diagram


Similar Part No. - TUSB1046AI-DCI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB1046AI-DCI TI1-TUSB1046AI-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB1046AI-DCI TI2-TUSB1046AI-DCI Datasheet
1Mb / 48P
TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
REVISED MAY 2019
TUSB1046AI-DCIRNQR TI2-TUSB1046AI-DCIRNQR Datasheet
1Mb / 48P
TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
REVISED MAY 2019
TUSB1046AI-DCIRNQR.B TI2-TUSB1046AI-DCIRNQR.B Datasheet
1Mb / 48P
TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
REVISED MAY 2019
TUSB1046AI-DCIRNQT TI2-TUSB1046AI-DCIRNQT Datasheet
1Mb / 48P
TUSB1046A-DCI USB Type-C™ DisplayPort™ ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
REVISED MAY 2019
More results

Similar Description - TUSB1046AI-DCI

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB546-DCI TI1-TUSB546-DCI Datasheet
1Mb / 48P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046-DCI TI1-TUSB1046-DCI Datasheet
1Mb / 48P
USB Type-C DisplayPort ALT Mode 10 Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI Datasheet
1Mb / 47P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB1046A-DCI TI1-TUSB1046A-DCI Datasheet
1Mb / 46P
USB Type-C DisplayPort ALT Mode 10-Gbps Linear Redriver Crosspoint Switch
TUSB546A-DCI TI1-TUSB546A-DCI_17 Datasheet
1Mb / 49P
USB Type-C DP ALT Mode Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564 Datasheet
1Mb / 45P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064 Datasheet
1Mb / 48P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB564 TI1-TUSB564_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1064 TI1-TUSB1064_18 Datasheet
2Mb / 50P
USB TYPE-C DP Alt Mode 10 Gbps Sink-Side Linear Redriver Crosspoint Switch
TUSB1146 TI1-TUSB1146 Datasheet
1Mb / 66P
TUSB1146 USB Type-C??DisplayPort??Alt Mode 10-Gbps Linear Redriver Crosspoint Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com