Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120V9 Datasheet(PDF) 65 Page - STMicroelectronics

Part # ST92F120V9
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 61Page - STMicroelectronics ST92F120V9 Datasheet HTML 62Page - STMicroelectronics ST92F120V9 Datasheet HTML 63Page - STMicroelectronics ST92F120V9 Datasheet HTML 64Page - STMicroelectronics ST92F120V9 Datasheet HTML 65Page - STMicroelectronics ST92F120V9 Datasheet HTML 66Page - STMicroelectronics ST92F120V9 Datasheet HTML 67Page - STMicroelectronics ST92F120V9 Datasheet HTML 68Page - STMicroelectronics ST92F120V9 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 324 page
background image
65/324
ST92F120 - REGISTER AND MEMORY MAP
29
EFT1
R240
IC1HR1
Input Capture 1 High Register
xx
147
R241
IC1LR1
Input Capture 1 Low Register
xx
147
R242
IC2HR1
Input Capture 2 High Register
xx
147
R243
IC2LR1
Input Capture 2 Low Register
xx
147
R244
CHR1
Counter High Register
FF
148
R245
CLR1
Counter Low Register
FC
148
R246
ACHR1
Alternate Counter High Register
FF
148
R247
ACLR1
Alternate Counter Low Register
FC
148
R248
OC1HR1
Output Compare 1 High Register
80
149
R249
OC1LR1
Output Compare 1 Low Register
00
149
R250
OC2HR1
Output Compare 2 High Register
80
149
R251
OC2LR1
Output Compare 2 Low Register
00
149
R252
CR1_1
Control Register 1
00
151
R253
CR2_1
Control Register 2
00
151
R254
SR1
Status Register
00
151
R255
CR3_1
Control Register 3
00
151
43
I/O
Port
8
R248
P8C0
Port 8 Configuration Register 0
03
118
R249
P8C1
Port 8 Configuration Register 1
00
R250
P8C2
Port 8 Configuration Register 2
00
R251
P8DR
Port 8 Data Register
FF
I/O
Port
9
R252
P9C0
Port 9 Configuration Register 0
00
R253
P9C1
Port 9 Configuration Register 1
00
R254
P9C2
Port 9 Configuration Register 2
00
R255
P9DR
Port 9 Data Register
FF
55
RCCU
R240
CLKCTL
Clock Control Register
00
101
R242
CLK_FLAG
Clock Flag Register
48, 28 or 08
102
R246
PLLCONF
PLL Configuration Register
xx
102
57
WUIMU
R249
WUCTRL
Wake-Up Control Register
00
86
R250
WUMRH
Wake-Up Mask Register High
00
87
R251
WUMRL
Wake-Up Mask Register Low
00
87
R252
WUTRH
Wake-Up Trigger Register High
00
88
R253
WUTRL
Wake-Up Trigger Register Low
00
88
R254
WUPRH
Wake-Up Pending Register High
00
88
R255
WUPRL
Wake-Up Pending Register Low
00
88
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com