Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120V9 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST92F120V9
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 9Page - STMicroelectronics ST92F120V9 Datasheet HTML 10Page - STMicroelectronics ST92F120V9 Datasheet HTML 11Page - STMicroelectronics ST92F120V9 Datasheet HTML 12Page - STMicroelectronics ST92F120V9 Datasheet HTML 13Page - STMicroelectronics ST92F120V9 Datasheet HTML 14Page - STMicroelectronics ST92F120V9 Datasheet HTML 15Page - STMicroelectronics ST92F120V9 Datasheet HTML 16Page - STMicroelectronics ST92F120V9 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 324 page
background image
13/324
ST92F120 - GENERAL DESCRIPTION
Table 1. ST92F120 Power Supply Pins
Table 2. ST92F120 Primary Function Pins
Figure 8. Recommended Connections for VREG
Note : For future compatibility with shrinked versions, the VREG pins should be connected to a minimum
of 600 nF (total). Special care should be taken to minimize the distance between the ST9 microcontroller
and the capacitors.
Name
Function
VDD
Main Power Supply Voltage
( pins internally connected)
18
42
65
93
VSS
Digital Circuit Ground
(pins internally connected)
17
41
64
92
AVDD
Analog Circuit Supply Voltage
82
AVSS
Analog Circuit Ground
83
VTEST
Must be kept low in standard operating
mode
44
VREG
3V Regulator output
(on future versions,
i.e. ST92F124 and ST92F150)
31
43
Name
Function
AS
Address Strobe
56
DS
Data Strobe
55
RW
Read/Write
32
OSCIN
Oscillator Input
94
OSCOUT
Oscillator Output
95
RESET
Reset to initialize the Microcontroller
96
HW0SW1
Watchdog HW/SW enabling selec-
tion
97
VPWO
J1850 JBLPD Output. On devices
without JBPLD peripheral, this pin
must not be connected.
73
300 nF
300 nF
PQFP100
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com