Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120V9 Datasheet(PDF) 40 Page - STMicroelectronics

Part # ST92F120V9
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120V9 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button ST92F120V9 Datasheet HTML 36Page - STMicroelectronics ST92F120V9 Datasheet HTML 37Page - STMicroelectronics ST92F120V9 Datasheet HTML 38Page - STMicroelectronics ST92F120V9 Datasheet HTML 39Page - STMicroelectronics ST92F120V9 Datasheet HTML 40Page - STMicroelectronics ST92F120V9 Datasheet HTML 41Page - STMicroelectronics ST92F120V9 Datasheet HTML 42Page - STMicroelectronics ST92F120V9 Datasheet HTML 43Page - STMicroelectronics ST92F120V9 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 324 page
background image
40/324
ST92F120 - SINGLE VOLTAGE FLASH & EEPROM
3.2 FUNCTIONAL DESCRIPTION
3.2.1 Structure
The Flash memory is composed of three parts
(see following table):
– 1 reserved sector for system routines (TestFlash
including user OTP area)
– 4 main sectors for code
– 2 sectors of the same size for EEPROM emula-
tion
The last 128 bytes of the TestFlash are available
to the user as an OTP area. The user can program
these bytes, but cannot erase them. The last 4
bytes of this OTP area (231FFCh to 231FFFh ) are
reserved for the Non-Volatile Protection registers
and cannot be used as a storage area (see Sec-
tion 3.6 PROTECTION STRATEGY for more de-
tails).
3.2.2 EEPROM Emulation
A hardware EEPROM emulation is implemented
using special flash sectors E0 and E1 to emulate
an EEPROM memory whose size is 1/4 of a sector
(1 Kbyte). This EEPROM can be directly ad-
dressed from 220000h to 2203FFh.
(see Section 3.5.1 Hardware EEPROM Emulation
for more details).
Table 7. Memory Structure for 128K Flash Device
Table 8. Memory Structure for 60K Flash Device
Sector
Addresses
Max Size
TestFlash (TF) (Reserved)
230000h to 231F7Fh
8064 bytes
OTP Area
Protection Registers (reserved)
231F80h to 231FFBh
231FFCh to 231FFFh
124 bytes
4 bytes
Flash 0 (F0)
000000h to 00FFFFh
64 Kbytes
Flash 1 (F1)
010000h to 01BFFFh
48 Kbytes
Flash 2 (F2)
01C000h to 01DFFFh
8 Kbytes
Flash 3 (F3)
01E000h to 01FFFFh
8 Kbytes
EEPROM 0 (E0)
228000h to 228FFFh
4 Kbytes
EEPROM 1 (E1)
22C000h to 22CFFFh
4 Kbytes
Emulated EEPROM
220000h to 2203FFh
1 Kbyte
Sector
Addresses
Max Size
TestFlash (TF) (Reserved)
230000h to 231F7Fh
8064 bytes
OTP Area
Protection Registers (reserved)
231F80h to 231FFBh
231FFCh to 231FFFh
124 bytes
4 bytes
Flash 0 (F0)
000000h to 000FFFh
4 Kbytes
Reserved
001000h to 00FFFFh
60 Kbytes
Flash 1 (F1)
010000h to 01BFFFh
48 Kbytes
Flash 2 (F2)
01C000h to 01DFFFh
8 Kbytes
EEPROM 0 (E0)
228000h to 228FFFh
4 Kbytes
EEPROM 1 (E1)
22C000h to 22CFFFh
4 Kbytes
Emulated EEPROM
220000h to 2203FFh
1Kbyte
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com