Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1040CPWR Datasheet(PDF) 14 Page - Texas Instruments

Part # THS1040CPWR
Description  3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1040CPWR Datasheet(HTML) 14 Page - Texas Instruments

Back Button THS1040CPWR Datasheet HTML 10Page - Texas Instruments THS1040CPWR Datasheet HTML 11Page - Texas Instruments THS1040CPWR Datasheet HTML 12Page - Texas Instruments THS1040CPWR Datasheet HTML 13Page - Texas Instruments THS1040CPWR Datasheet HTML 14Page - Texas Instruments THS1040CPWR Datasheet HTML 15Page - Texas Instruments THS1040CPWR Datasheet HTML 16Page - Texas Instruments THS1040CPWR Datasheet HTML 17Page - Texas Instruments THS1040CPWR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
14
www.ti.com
PRINCIPLES OF OPERATION
functional overview
See the functional block diagram. A single-ended, sample rate clock is required at pin CLK for device operation.
Analog inputs AIN+ and AIN− are sampled on each rising edge of CLK in a switched capacitor sample and hold
unit, the output of which feeds the ADC core, where analog-to-digital conversion is performed against the ADC
reference voltages REFT and REFB.
Internal or external ADC reference voltage configurations are selected by connecting the MODE pin
appropriately. When MODE = AGND, the user must provide external sources at pins REFB and REFT. When
MODE = AVDD or MODE = AVDD/2, an internal ADC references generator (A2) is enabled which drives the REFT
and REFB pins using the voltage at pin VREF as its input. The user can choose to drive VREF from the internal
bandgap reference, or disable A1 and provide their own reference voltage at pin VREF.
On the fourth rising CLK edge following the edge that sampled AIN+ and AIN−, the conversion result is output
via data pins D0 to D9. The output buffers can be disabled by pulling pin OE high.
The following sections explain further:
D How signals flow from AIN+ and AIN− to the ADC core, and how the reference voltages at REFT and REFB
set the ADC input range and hence the input range at AIN+ and AIN−.
D How to set the ADC references REFT and REFB using external sources or the internal reference buffer (A2)
to match the device input range to the input signal.
D How to set the output of the internal bandgap reference (A1) if required.
signal processing chain (sample and hold, ADC)
Figure 20 shows the signal flow through the sample and hold unit to the ADC core.
Sample
and
Hold
X1
X−1
ADC
Core
VQ+
VQ−
REFT
REFB
AIN+
AIN−
Figure 20. Analog Input Signal Flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com