Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1040CPWR Datasheet(PDF) 26 Page - Texas Instruments

Part # THS1040CPWR
Description  3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1040CPWR Datasheet(HTML) 26 Page - Texas Instruments

Back Button THS1040CPWR Datasheet HTML 22Page - Texas Instruments THS1040CPWR Datasheet HTML 23Page - Texas Instruments THS1040CPWR Datasheet HTML 24Page - Texas Instruments THS1040CPWR Datasheet HTML 25Page - Texas Instruments THS1040CPWR Datasheet HTML 26Page - Texas Instruments THS1040CPWR Datasheet HTML 27Page - Texas Instruments THS1040CPWR Datasheet HTML 28Page - Texas Instruments THS1040CPWR Datasheet HTML 29Page - Texas Instruments THS1040CPWR Datasheet HTML 30Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
26
www.ti.com
APPLICATION INFORMATION
driving the VREF pin (continued)
Note that the maximum current may be up to 30% higher. The user should ensure that VREF is driven from a
low noise, low drift source, well decoupled to analog ground and capable of driving the maximum IREF.
driving REFT and REFB (external ADC references, MODE = AGND)
AVDD
AGND
AVDD
AGND
2 k
Ω
REFT
REFB
To ADC Core
To ADC Core
Figure 36. Equivalent Circuit of REFT and REFB Inputs
reference decoupling
VREF pin
When the on-chip reference generator is enabled, the VREF pin should be decoupled to the circuit board’s
analog ground plane close to the THS1040 AGND pin via a 1-
µF capacitor and a 0.1-µF ceramic capacitor.
REFT and REFB pins
In any mode of operation, the REFT and REFB pins should be decoupled as shown in Figure 37. Use short
board traces between the THS1040 and the capacitors to minimize parasitic inductance.
THS1040
REFT
REFB
0.1
µF
10
µF
0.1
µF
0.1
µF
Figure 37. Recommended Decoupling for the ADC Reference Pins REFT and REFB
BIASREF pin
When using the on-chip BIASREF source, the BIASREF pin should be decoupled to the circuit board’s analog
ground plane close to the THS1040 AGND pin via a 1-
µF capacitor and a 0.1-µF ceramic capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com