Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS1040CPWR Datasheet(PDF) 17 Page - Texas Instruments

Part # THS1040CPWR
Description  3-V, 10-BIT , 40-MSPS CMOS ANALOG TO DIGITAL CONVERTER
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS1040CPWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button THS1040CPWR Datasheet HTML 13Page - Texas Instruments THS1040CPWR Datasheet HTML 14Page - Texas Instruments THS1040CPWR Datasheet HTML 15Page - Texas Instruments THS1040CPWR Datasheet HTML 16Page - Texas Instruments THS1040CPWR Datasheet HTML 17Page - Texas Instruments THS1040CPWR Datasheet HTML 18Page - Texas Instruments THS1040CPWR Datasheet HTML 19Page - Texas Instruments THS1040CPWR Datasheet HTML 20Page - Texas Instruments THS1040CPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
THS1040
SLAS290C − OCTOBER 2001 − REVISED OCTOBER 2004
17
www.ti.com
PRINCIPLES OF OPERATION
internal reference mode (MODE = AVDD or AVDD/2)
Sample
and
Hold
X1
X−1
ADC
Core
AIN+
AIN−
Internal
Reference
Buffer
VREF
AGND
AVDD + VREF
2
AVDD − VREF
2
Figure 22. ADC Reference Generation, MODE = AVDD/2
Connecting MODE to AVDD or AVDD/2 enables the internal ADC references buffer A2. The outputs of A2 are
connected to the REFT and REFB pins and its inputs are connected to pins VREF and AGND. The resulting
voltages at REFT and REFB are:
REFT
+
AV
DD )
VREF
2
REFB
+
AV
DD *
VREF
2
Depending on the connection of the REFSENSE pin, the voltage on VREF may be driven by an off-chip source
or by the internal bandgap reference A1 (see onboard reference generator) to match the THS1040 input range
to their application requirements.
When MODE = AVDD the BIASREF pin provides a buffered, stabilized AVDD/2 output voltage that can be used
as a bias reference for ac coupling networks connecting the signal sources to the AIN+ or AIN− inputs. This
removes the need for the user to provide a stabilized external bias reference.
(7)
(8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com