Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4484 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # TLE4484
Description  Dual Voltage Regulator with 5 V and 15 V Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4484 Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button TLE4484 Datasheet HTML 2Page - Infineon Technologies AG TLE4484 Datasheet HTML 3Page - Infineon Technologies AG TLE4484 Datasheet HTML 4Page - Infineon Technologies AG TLE4484 Datasheet HTML 5Page - Infineon Technologies AG TLE4484 Datasheet HTML 6Page - Infineon Technologies AG TLE4484 Datasheet HTML 7Page - Infineon Technologies AG TLE4484 Datasheet HTML 8Page - Infineon Technologies AG TLE4484 Datasheet HTML 9Page - Infineon Technologies AG TLE4484 Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
TLE 4484
Data Sheet Rev. 1.0
6
2000-08-04
Electrical Characteristics
17 V <
V
I < 42 V; – 40 °C < Tj < 125 °C; all voltages with respect to ground; positive
current defined flowing out of pin; unless otherwise specified.
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Current Consumption
Quiescent current;
I
q = II –(IQ5 + IQ15)
I
q
–
450
550
µA
I
Q5 =1 mA;
I
Q15 =1 mA
Quiescent current;
I
q = II –(IQ5 + IQ15)
I
q
–
0.76 1
mA
I
Q5 = 25 mA;
I
Q15 =30mA
5 V Output Q5
Output voltage
V
Q5
4.85
5.00
5.15
V
I
Q5 = 10 mA; Tj = 25 °C
Output voltage
V
Q5
4.75
–
5.25
V
1 mA <
I
Q5 <25 mA
Output current
limitation
I
Q5
16
40
–
mA
1)
Output current
limitation
I
Q5
30
–
–
mA
T
j = 25 °C
Output drop voltage;
V
DRQ5 = VI – VQ5
V
DRQ5
–0.9
1.5
V
I
Q5 =25 mA
1)
Load regulation
∆V
Q5
–25
50
mV
1 mA <
I
Q5 < 25 mA;
V
I =17V
Line regulation
∆V
Q5
–20
50
mV
I
Q5 = 1 mA;
7V<
V
I <27 V
Power-Supply-Ripple
-Rejection
PSRR5
–50
–
dB
20 Hz <
f
r <20 kHz;
V
r = 5 VSS
Value of output cap
C
Q5
1.0
–
–
µF–
ESR of output cap
R
ESRQ5
––
2.0
Ω
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com