Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4484 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4484
Description  Dual Voltage Regulator with 5 V and 15 V Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4484 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4484 Datasheet HTML 3Page - Infineon Technologies AG TLE4484 Datasheet HTML 4Page - Infineon Technologies AG TLE4484 Datasheet HTML 5Page - Infineon Technologies AG TLE4484 Datasheet HTML 6Page - Infineon Technologies AG TLE4484 Datasheet HTML 7Page - Infineon Technologies AG TLE4484 Datasheet HTML 8Page - Infineon Technologies AG TLE4484 Datasheet HTML 9Page - Infineon Technologies AG TLE4484 Datasheet HTML 10Page - Infineon Technologies AG TLE4484 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TLE 4484
Data Sheet Rev. 1.0
9
2000-08-04
Typical Performance Characteristics
Output Voltage
V
Q5 and VQ15
versus Input Voltage
V
I
Current Consumption
I
q
versus Junction Temperature
T
j
Output Current Limit
I
Q5 and IQ15
versus Junction Temperature
T
j
AED02858
0
0
VQ
I
V
4
8
12
16
20
24
V
4
8
12
16
20
24
28
32
V
VQ15
VQ5
AED02859
0
-50
Iq
j
T
-25
0
25
50
75 100
˚C 150
60
120
180
240
300
360
420
480
600
µA
V
I = 42 V
= 17 V
V
I
AED02861
0
-50
IQ
I
T
-25
0
25
50
75 100
˚C 150
mA
20
40
60
80
100
120
140
Q15
Q5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com