Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLE4484 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE4484
Description  Dual Voltage Regulator with 5 V and 15 V Outputs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4484 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE4484 Datasheet HTML 3Page - Infineon Technologies AG TLE4484 Datasheet HTML 4Page - Infineon Technologies AG TLE4484 Datasheet HTML 5Page - Infineon Technologies AG TLE4484 Datasheet HTML 6Page - Infineon Technologies AG TLE4484 Datasheet HTML 7Page - Infineon Technologies AG TLE4484 Datasheet HTML 8Page - Infineon Technologies AG TLE4484 Datasheet HTML 9Page - Infineon Technologies AG TLE4484 Datasheet HTML 10Page - Infineon Technologies AG TLE4484 Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
TLE 4484
)HMXMSR
4YFPMWLIHF] -RJMRISR8IGLRSPSKMIW %+
7X1EVXMR7XVEWWI 
( 1°RGLIR +IVQER]
¬ -RJMRISR 8IGLRSPSKMIW %+ 
%PP 6MKLXW 6IWIVZIH
%XXIRXMSRTPIEWI
8LI MRJSVQEXMSR LIVIMR MW KMZIRXS HIWGVMFI
GIVXEMRGSQTSRIRXW ERHWLEPPRSX FI GSRWMH
IVIH EW [EVVERXIH GLEVEGXIVMWXMGW
8IVQW SJ HIPMZIV] ERH VMKLXW XSXIGLRMGEP
GLERKIVIWIVZIH
;ILIVIF] HMWGPEMQ ER] ERH EPP[EVVERXMIW
MRGPYHMRK FYX RSX PMQMXIH XS [EVVERXMIW SJ
RSRMRJVMRKIQIRX VIKEVHMRK GMVGYMXW HIWGVMT
XMSRW ERHGLEVXW WXEXIH LIVIMR
-RJMRISR8IGLRSPSKMIWMWERETTVSZIH')''
QERYJEGXYVIV
-RJSVQEXMSR
*SVJYVXLIV MRJSVQEXMSR SR XIGLRSPSK] HIPMZ
IV] XIVQW ERH GSRHMXMSRW ERHTVMGIW TPIEWI
GSRXEGX ]SYV RIEVIWX -RJMRISR 8IGLRSPSKMIW
3JJMGI MR+IVQER] SV SYV -RJMRISR8IGLRSPS
KMIW 6ITVIWIRXEXMZIW [SVPH[MHI WII EH
HVIWW PMWX 
;EVRMRKW
(YI XS XIGLRMGEP VIUYMVIQIRXW GSQTSRIRXW
QE] GSRXEMR HERKIVSYW WYFWXERGIW *SV MR
JSVQEXMSR SRXLI X]TIW MR UYIWXMSRTPIEWI
GSRXEGX ]SYV RIEVIWX -RJMRISR 8IGLRSPSKMIW
3JJMGI
-RJMRISR 8IGLRSPSKMIW 'SQTSRIRXW QE] SRP]
FIYWIH MR PMJIWYTTSVX HIZMGIW SV W]WXIQW
[MXL XLI I\TVIWW [VMXXIR ETTVSZEPSJ -RJMRISR
8IGLRSPSKMIW MJ E JEMPYVI SJ WYGL GSQTSRIRXW
GER VIEWSREFP] FI I\TIGXIH XS GEYWI XLI JEMP
YVI SJ XLEX PMJIWYTTSVX HIZMGI SV W]WXIQ SV XS
EJJIGX XLI WEJIX] SV IJJIGXMZIRIWW SJ XLEX HI
ZMGI SV W]WXIQ 0MJIWYTTSVX HIZMGIW SV W]W
XIQW EVI MRXIRHIHXS FI MQTPERXIH MR XLI LY
QER FSH]SVXS WYTTSVX ERHSVQEMRXEMR ERH
WYWXEMRERHSVTVSXIGXLYQERPMJI-J XLI] JEMP
MX MW VIEWSREFPI XS EWWYQI XLEX XLILIEPXL SJ
XLI YWIV SV SXLIV TIVWSRW QE] FI IRHER
KIVIH
Data Sheet Rev. 1.0
11
2000-08-04



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com